Electronic Components Datasheet Search |
|
LV25450PNW Datasheet(PDF) 37 Page - Sanyo Semicon Device |
|
LV25450PNW Datasheet(HTML) 37 Page - Sanyo Semicon Device |
37 / 40 page LV25450PNW Phase Comparator and Charge Pump Circuits (1) Phase comparator and charge pump operation In the PLL circuit block shown in figure 1, the phase comparator compares the phases of the reference frequency (fr) and the comparison frequency (fp), and outputs the amount of the phase difference from the charge pump. Figure 1 PLL Circuit Block Reference Divider Programmable Divider Phase Detector Charge Pump LPF VCO Mixer Leakage during strong-field input RF fr fp Figure 2 shows the phase comparator/charge pump output characteristics. The phase comparator outputs a voltage V φ that is proportional to the phase difference φ between fr and fp. The phase comparator's characteristics can be switched by changing the phase comparator dead zone mode setting. The phase comparator can be set to modes (DZA, DZB) in which both the charge pump p-channel and n-channel sides are turned on when the phase difference is small, or can be set to a mode (DZD) that does not output the phase difference when the phase difference is small. Figure 2 Phase Comparator/Charge Pump Characteristics φ err[ns] V φ[V] V φ[V] V φ[V] V φ[V] Dead Zone(--) DZA mode DZB mode DZC mode DZD mode φ err[ns] φ err[ns] φ err[ns] Dead Zone(-) Dead Zone ≈ 0 Dead Zone(+) fp > fr fp > fr fp > fr fp > fr fr > fp fr > fp fr > fp fr > fp No.A1668-37/40 |
Similar Part No. - LV25450PNW |
|
Similar Description - LV25450PNW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |