Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 30 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25400W_0712 Datasheet(HTML) 30 Page - Sanyo Semicon Device

Back Button LV25400W_0712 Datasheet HTML 26Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 27Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 28Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 29Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 30Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 31Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 32Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 33Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 34Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
LV25400W
No.A0633-30/42
LLLL
(37) (36) (35)
(33)
(34)
(28)
(29)
(30)
(31)
(32)
LLLL
LLL
L
L
LLLLLLLLLLLLLLL
L
LL
L
FM PIN diode forced on switch
0
1
Normal operation
Forced on
Keyed AGC switch
0
1
Wide+narrow
Narrow only
A
3
A
2
A
1
A
0
B
3
B
2
B
1
B
0
0
1
1
0
1
0
0
1
1
IN3-2 tuner setting 2
Address 69h, Subaddress [1]
IN
Address Code
Sub Address Code
+5dB
-5dB
IF AGC clamp variations
correction
IN3-2 D28-25
(narrow-out side)
0000
0001
0010
0011
0100
0101
0110
0111
1010
1011
1100
1101
1110
1111
1.0+VBE
2.5+VBE
AM RF AGC
amplifier threshold (gradual)
0000
0001
0010
0011
0100
0101
0110
0111
1010
1011
1100
1101
1110
1111
198
µA(1.2V)
300
µA(1.9V)
S-Meter Shift(TSOUT)
00000
00001
00010
00011
00100
00101
00110
00111
11010
11011
11100
11101
11110
11111
1.0
2.5
AM RF AGC
amplifier threshold (steep)
0000
0001
0010
0011
0100
0101
0110
0111
1010
1011
1100
1101
1110
1111
0.14
2.2
Keyed AGC
threshold
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0.14
2.57
FM/AM
W-AGC
Sensitivity
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0.14
2.5
FM/AM
N-AGC
Sensitivity
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn