Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 3 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LV25400W
No.A0633-3/42
Power on/Power off Timing and the Power on Reset
Recommended Operating Ratings at Ta = 25°C, GND = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Vcop H
Pin 2, 54, 55, 58
7.5
8.5
V
Operating supply voltage
Vcop L
Pin 13, 22, 40
4.5
5.5
V
VREG3
Pin 23
2.7
3.3
V
Internal logic voltage
VREG4
Pin 24
3.7
4.3
V
Power application time
(8.0 V
→ 5.0 V)
T7
10
100
msec
Vhmin3
Pin 23 : Design reference value
2.2
V
Internal register retention voltage
Vhmin4
Pin 24 : Design reference value
2.2
V
Internal register reset voltage
Voff
Pin 13, 22, 40 : Design reference value
0
0.2
V
Internal register reset power
supply rise time
tPOR
Pin 13, 22, 40 : Design reference value
0.05
3
msec
Power application time
(5.0 V
→ 8.0 V)
T14
10
100
msec
tPOR
T7
T14
Voff
VREG4
Vcop_H
Vcop_L
VREG3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn