Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 29 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 29 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
LV25400W
No.A0633-29/42
LLLL
(37) (27) (26)
(24)
(25)
(22)
(21)
(23)
LLLL
LLL
L
L
LLLLLLLLLLLLLLL
L
LL
L
IQ mixer gain adjustment
0
1
Gain Down
Normal operation
Narrow-10.7MHz
0
1
ON
OFF
Wide-10.7MHz
0
1
ON
OFF
Tuner off setting
0
1
Normal operation
Tuner off
FM AGC ON
0
1
Normal
ON
AM AGC ON
0
1
Normal
ON
000000000
000000001
000000010
000000011
000000100
000000101
000000110
000000111
000001000
111111010
111111011
111111100
111111101
111111110
111111111
0.3V
7.1V
A
3
A
2
A
1
A
0
B
3
B
2
B
1
B
0
0
1
1
0
1
0
0
1
0
IN3-1 tuner setting 1
Address 69h, Subaddress[0]
TEST for DAC
0:Normal
1:Test-Mode
IN
Address Code
Sub Address Code
ANT-DAC
000000000
000000001
000000010
000000011
000000100
000000101
000000110
000000111
000001000
111111010
111111011
111111100
111111101
111111110
111111111
0.3V
7.1V
RF-DAC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn