Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 25 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25400W_0712 Datasheet(HTML) 25 Page - Sanyo Semicon Device

Back Button LV25400W_0712 Datasheet HTML 21Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 22Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 23Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 24Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 25Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 26Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 27Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 28Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 29Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
LV25400W
No.A0633-25/42
SANYO Serial Bus Data Timing
CE : Chip enable
CL : Clock
DI : Data input
DO : Data output (pin information only)
〈〈 When CL is stopped at the L level 〉〉
〈〈 When CL is stopped at the H level 〉〉
Parameter
Symbol
Pin
Conditions
min
typ
max
unit
Data setup time
tSU
DI, CL
0.45
µs
Data hold time
tHD
DI, CL
0.45
µs
Clock L-level time
tCL
CL
0.45
µs
Clock H-level time
tCH
CL
0.45
µs
CE wait time
tEL
CE, CL
0.45
µs
CE setup time
tES
CE, CL
0.45
µs
CE hold time
tEH
CE, CL
0.45
µs
Data latch change time
tLC
0.45
µs
Data input high-level voltage
VIH
CL, DI, CE
2.5
5.0
V
Data input low-level voltage
VIL
CL, DI, CE
-0.3
0.8
V
tCH
tEH
tES
tHD
tSU
Old
New
tLC
tEL
tCL
VIL
VIH
VIH
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
Internal data
latch
CL
DI
CE
tCL
tEH
tES
tHD
tSU
Old
New
tLC
tEL
tCH
VIL
VIH
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
Internal data
latch
CL
DI
CE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn