Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 23 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 23 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
LV25400W
No.A0633-23/42
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
53
FM Narrow AGC
Used for narrow AGC pickup. There is
a built-in amplifier.
54
55
AM/FM 1st-MIX OUT
FM/AM mixer output (common)
56
57
ANT DAC
RF DAC
9-bit D/A converter
58
VCCA
VCC8V
FM FE/AM
59
60
AM MIX-IN2 (Bypass)
AM MIX-IN1
AM mixer input
Input impedance : 10k
61
62
FM MIX-IN1
FM MIX-IN2
FM mixer input
FM wide AGC pickup
Input impedance : 10k
Continued on next page.
53
2.5k
1k
AGC AMP
10k
2.2V
54
55
FM MIX
AM MIX
57
56
1k
1k
1k
60
59
110
110
2.5k
10k
10k
12k
VCC(PIN58)
61
60
500
AGC AMP
FM MIX
500
10k
10k
2.2V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn