Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 20 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
LV25400W
No.A0633-20/42
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
34
37
AM ANALOG_IN
Bypass
AM ANALOG_IN
AM analog signal system related input
(AM narrowband 10.7MHz IF signal)
35
39
AM HD_IN Bypass
AM HD_IN
iBoc and AM analog signal system
related input
(AM narrowband 10.7MHz IF signal)
36
ANALOG GND
38
S-meter AC output pin
FM mode: S-meter AC signal output
40
VCCA
Analog system power supply
5V VCC (Analog)
41
AM Narrow-AGC
Pick-Up
AM narrow AGC detection
42
Address_SW
When two tuners are used, one of the
two ICs' pin 42 is connected to
ground, need changes the address.
Continued on next page.
20k
34
VCC(40pin)
37
300
300
20k
35
VCC(40pin)
39
300
300
38
7k
300
VCC(PIN40)
41
10k
500
500
42
1k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn