Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 2 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LV25400W
No.A0633-2/42
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC 8V
OSC_VCC (2), FE_VCC (58)
8.0
V
Recommended supply voltage
VCC 5V
XTAL_VCC (13), VCCD (22), VCCA (40)
5
V
VCC 8Vop
7.5 to 8.5
V
Operating supply voltage range
VCC 5Vop
4.5 to 5.5
V
CCB bus high-level input voltage
VIH
CE, DI, CL
2.5 to 5.0
V
CCB bus low-level input voltage
VIL
CE, DI, CL
0 to 0.8
V
CCB bus high-level input current
IIH
CE, DI, CL ; VI5.5V
10 or less
µA
CCB bus low-level input current
IIL
CE, DI, CL ; VI0V
10 or less
µA
DO low-level output voltage
VOL
0.38 or less
V
DO high-level output voltage
VOH
Connected to an LC75040.
2.1 or more
V
Reception Frequencies
Parameter
Symbol
Conditions
Frequency ratings
Unit
FM reception frequencies
fFM
JPN, US, EUR
76 to 108.1
MHz
FM weather band reception
frequencies
fFM-WB
162.4 to 162.55
MHz
fAMLW
LW
144 to 288
kHz
fAMMW
MW
520 to 1710
kHz
AM reception frequencies
fAMSW
SW
2.94 to 22.0
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn