Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 19 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
LV25400W
No.A0633-19/42
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
29
30
10.7OUTN
10.7OUTP
Narrowband IF (10.7MHz) signal
differential output to the LC75040 for
analog use.
31
DIV_OUT_IF
Driver 10.7MHz signal buffer output
32
S-meter (DC)
Current driver S-meter output
AC components are removed with an
external capacitor.
33
Vref 2.7V
2.7V regulator
Continued on next page.
300
300
500
500
200
29
30
VCC(40pin) VCC(40pin)
31
10k
26k
200
VCC(58pin)
200
38
10k
300
VCC(40pin)
33
30k
333
VCC(PIN40)
1k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn