Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 18 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
LV25400W
No.A0633-18/42
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
24
Swallow counter
VREG - 4V
Regulator output for the PLL swallow
counter - 4V
25
AGC_DAC_I
IF AGC control bias is supplied from
the LC75040 (for iBoc).
26
AGC_DAC_S
IF AGC control bias is supplied from
the LC75040 (for the analog system).
27
28
HD_OUTN
HD_OUTP
Wideband IF (10.7MHz) signal
differential output to the LC75040 for
iBoc use.
Continued on next page.
24
VCC(8V)
VCC(22pin)
4V
swallow
41.7k
25
200k
5.6V
100k
26
200k
5.6V
100k
300
300
500
500
200
27
28
VCC(40pin) VCC(40pin)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn