Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 17 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
LV25400W
No.A0633-17/42
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
20
CL
Clock used for synchronization when
serial data is input to the LV25400W
(DI) or when serial data is output
(DO).
21
DO
Output for serial data output to the
controller by the LV25400W.
Note : The pull-up resistor must be in
the range 10k
Ω to 50kΩ.
22
VCCD
Digital system power supply
5V VCC (Digital)
23
PLL VREG (VDD) - 3V Regulator output for the PLL circuit -
3V
Continued on next page.
500
500
21
VSS(PIN12)
VSS(PIN12)
5k
23
VCC(8V)
VCC(22pin)
VDD
PLL
41.7k
DAC
20
3V
P-MOS
P-MOS
N-MOS
P-MOS
N-MOS
N-MOS
VSS(PIN12)
P-MOS
N-MOS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn