Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV25400W_0712 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25400W_0712 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LV25400W_0712 Datasheet HTML 9Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 10Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 11Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 12Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 13Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 14Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 15Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 16Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LV25400W
No.A0633-13/42
Functions
AM/FM front-end AGC block
FM Image rejection Mixer (IQ-MIX)
Gain switching : 1 bit
FM IQ-MIX phase adjust (For the Japanese FM band)
2 bit DAC
AM Double balance Mixer
Pin diode drive AGC output (AM/FM)
Wide AGC sensitivity setting (AM/FM)
4 bit DAC
Narrow AGC sensitivity setting (AM/FM)
4 bit DAC
Keyed AGC adjust (FM)
4 bit DAC
AM RF AGC
4 bit DAC
Local oscillator
155MHz to 262MHz
Local osc divider (FM/AM)
Division by 1, 2, or 3
Local osc divider (AM)
Division by 10, 8, 6, or 4
ANT/RF DAC (FM)
9 bit DAC
AM 1st IF AMP block
1st-IF amplifier 10.7M (Narrow)
FM IF block
S-meter shifter
5 bit DAC
IF Limiter Amplifier 6 stage
S-meter (DC for keyed AGC) (FM)
IF output Driver for DSP/iBoc (10.7MHz output)
IF-AGC block
IF AGC Amplifier (control Voltage from DSP)
IF output Driver for DSP/iBoc
10.7MHz IF
IF Buffer Output for Diversity
10.7MHz IF
IF Gain Adjust
4 bit DAC
IF AGC Amp-OFF-Sw
For the analog system and the iBoc system ; 1 bit each
PLL
Fast lock PLL
Filter SW
1 bit SW
other
Tuner off
1 bit SW
2.7V Regurator adjust
2 bit DAC


Similar Part No. - LV25400W_0712

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W_10 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
More results

Similar Description - LV25400W_0712

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W_10 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25450PNW SANYO-LV25450PNW Datasheet
1Mb / 40P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
   Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
   Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Murata Manufacturing Co...
SF1186G MURATA-SF1186G Datasheet
868Kb / 6P
   Designed for Front End GPS Applications
SF1186B-2 MURATA-SF1186B-2 Datasheet
417Kb / 7P
   Designed for Front-end GPS Applications
logo
Texas Instruments
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
   Designed for RF Front-end Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com