Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 12 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
LV25400W
No.A0633-12/42
Pin Functions
Pin No.
Pin
Pin No.
Pin
1
FE_GND
33
VREG2.7V
2
OSC_VCC
34
AM_ANALOG_IN Bypass
3
OSC_B
35
AM_HD_IN Bypass
4
OSC_C
36
AGND
5
PLL-VT
37
AM ANALOG IN
6
FET_GND
38
VSM_AC
7
PLL-LPF_AM
39
AM HD IN (35k CF)
8
FM_FET_OUT
40
VCCA5V
9
AM_FET_OUT
41
AM_N-AGC pick-up
10
AM_CP
42
Address-SW
11
FM_CP
43
IF_OUT
12
DGND
44
VREG4.9V
13
XTAL_VCC
45
IF-N_IN1 (CF = 180k)
14
XTAL-IN
46
IF-N_IN2 (180k_Bypass)
15
XTAL-OUT
47
AM-W-AGC
16
XTAL_GND
48
IF-W_IN1 (CF = 500k)
17
XTAL_OSC_OUT2
49
IF-W_IN2 (500k_Bypass)
18
CE
50
AM-RF-AGC
19
DI
51
AM RF-AGC (Bypass)
20
CL
52
AM-ANT-D
21
DO
53
FM N-AGC-IN
22
VCCD5V
54
MIX-OUT
23
VREG 3V
55
MIX-OUT
24
VREG 4V
56
ANT-DAC
25
AGC_DAC_I
57
RF-DAC
26
AGC_DAC_S
58
FE_VCC8V
27
HD-Radio out N
59
AM-MIX-IN2 (Bypass)
28
HD-Radio out P
60
AM-MIX-IN1
29
10.7M OUT N
61
FM-MIX-IN1
30
10.7M OUT P
62
FM-MIX-IN2
31
DIV_OUT_IF
63
FM-ANT D
32
VSM_DC
64
FM-RF-AGC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn