Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LV25400W_0712 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LV25400W
No.A0633-9/42
Continued from preceding page.
CCB Command
Pin
No.
Parameter
Symbol
Conditions
min
typ
max
unit
48
IF-Wide-IN
V48FM
15
13
25
25
2.05
V
49
IF-Wide-IN (Bypass)
V49FM
15
13
25
25
2.05
V
50
AM-RF-AGC
V50FM
15
13
25
25
1
V
51
AM-RF-AGC (Bypass)
V51FM
15
13
25
25
1
V
52
AM-ANT-D
V52FM
15
13
25
25
0
0.3
V
53
FM-Narrow-AGC-IN
V53FM
15
13
25
25
0.3
V
54
FM/AM-MIX-OUT
V54FM
15
13
25
25
8
V
55
FM/AM-MIX-OUT
V55FM
15
13
25
25
8
V
56
ANT-DAC
V56FM
15
13
25
25
0
8
V
57
RF-DAC
V57FM
15
13
25
25
0
8
V
58
VCC (8V)
V58FM
15
13
25
25
8
V
59
AM-MIX-IN
V59FM
15
13
25
25
0.2
V
60
AM-MIX-IN
V60FM
15
13
25
25
0.2
V
61
FM-MIX-IN
V61FM
15
13
25
25
3
V
62
FM-MIX-IN
V62FM
15
13
25
25
3
V
63
FM-RF-AGC
V63FM
15
13
25
25
0.2
V
64
FM-ANT-D
V64FM
15
13
25
25
8
V
Note 1 : Pull-up voltage
AM: No input
CCB Command
Pin
No.
Parameter
Symbol
Conditions
min
typ
max
unit
1
FE_GND
V1AM
33
15
26
26
0
V
2
OSC_VCC
V2AM
33
15
26
26
8
V
3
OSC_B
V3AM
33
15
26
26
2.65
V
4
OSC_C
V4AM
33
15
26
26
7.45
V
5
VT
V5AM
33
15
26
26
0
8
V
6
FET_GND
V6AM
33
15
26
26
0
V
7
PLL-LPF
V7AM
33
15
26
26
*
V
8
FM FET
V8AM
33
15
26
26
*
V
9
AM FET
V9AM
33
15
26
26
*
V
10
CPAM
V10AM
33
15
26
26
*
V
11
CPFM
V11AM
33
15
26
26
*
V
12
GND (Digital)
V12AM
33
15
26
26
0
V
13
VCC (X'TAL)
V13AM
33
15
26
26
5
V
14
X'tal IN
V14AM
33
15
26
26
2.7
V
15
X'tal OUT
V15AM
33
15
26
26
4.1
V
16
GND (X'TAL)
V16AM
33
15
26
26
0
V
17
X'tal-Buffer-OUT
V17AM
33
15
26
26
3.45
V
18
CE
V18AM
33
15
26
26
BUS
V
19
DI
V19AM
33
15
26
26
BUS
V
20
CL
V20AM
33
15
26
26
BUS
V
21
DO
V21AM
33
15
26
26
0
Note 1
V
22
VCC 5V (Digital)
V22AM
33
15
26
26
5
V
23
PLL VDD (3V REG)
V23AM
33
15
26
26
3.1
V
24
PLL VDD (4V REG)
V24AM
33
15
26
26
4.15
V
25
AGC-Control-IN (HD)
V25AM
33
15
26
26
Input
V
26
AGC-Control-IN (Analog)
V26AM
33
15
26
26
Input
V
27
IFAGC-OUTN (HD)
V27AM
33
15
26
26
2.75
V
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn