Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV25400W_0712 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LV25400W_0712
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25400W_0712 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LV25400W_0712 Datasheet HTML 4Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 5Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 6Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 7Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 8Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 9Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 10Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 11Page - Sanyo Semicon Device LV25400W_0712 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LV25400W
No.A0633-8/42
DC Characteristics
Operating Characteristics at Ta = 25°C, VCC = 8.0V, VDD = 5.0, GND = 0, VSS = 0, unless otherwise specified.
Ratings for publications
* : These measurements are made using the Yamaichi Electronics IC51-0644-807 IC socket.
*: Undefined
FM: No input
CCB Command
Pin
No.
Parameter
Symbol
Conditions
min
typ
max
unit
1
FE_GND
V1FM
15
13
25
25
0
V
2
OSC_VCC
V2FM
15
13
25
25
8
V
3
OSC_B
V3FM
15
13
25
25
2.65
V
4
OSC_C
V4FM
15
13
25
25
7.45
V
5
VT
V5FM
15
13
25
25
0
8
V
6
FET_GND
V6FM
15
13
25
25
0
V
7
PLL-LPF
V7FM
15
13
25
25
*
V
8
FM FET
V8FM
15
13
25
25
*
V
9
AM FET
V9FM
15
13
25
25
*
V
10
CPAM
V10FM
15
13
25
25
*
V
11
CPFM
V11FM
15
13
25
25
*
V
12
GND (Digital)
V12FM
15
13
25
25
0
V
13
VCC (X'TAL)
V13FM
15
13
25
25
5
V
14
X'tal IN
V14FM
15
13
25
25
2.7
V
15
X'tal OUT
V15FM
15
13
25
25
4.1
V
16
GND (X'TAL)
V16FM
15
13
25
25
0
V
17
X'tal-Buffer-OUT
V17FM
15
13
25
25
3.45
V
18
CE
V18FM
15
13
25
25
BUS
V
19
DI
V19FM
15
13
25
25
BUS
V
20
CL
V20FM
15
13
25
25
BUS
V
21
DO
V21FM
15
13
25
25
0
Note 1
V
22
VCC 5V (Digital)
V22FM
15
13
25
25
5
V
23
PLL VDD (3V REG)
V23FM
15
13
25
25
3.1
V
24
PLL VDD (4V REG)
V24FM
15
13
25
25
4.15
V
25
AGC-Control-IN (HD)
V25FM
15
13
25
25
Input
V
26
AGC-Control-IN (Analog)
V26FM
15
13
25
25
Input
V
27
IFAGC-OUTN (HD)
V27FM
15
13
25
25
2.75
V
28
IFAGC-OUTP (HD)
V28FM
15
13
25
25
2.75
V
29
IFAGC-OUTN (Analog)
V29FM
15
13
25
25
2.75
V
30
IFAGC-OUTP (Analog)
V30FM
15
13
25
25
2.75
V
31
DIV-IF-OUT
V31FM
15
13
25
25
1.95
V
32
VSM-DC
V32FM
15
13
25
25
0
5
V
33
2.7V REG
V33FM
15
13
25
25
2.7
V
34
IFAGC-IN (Analog-Bypass)
V34FM
15
13
25
25
2.45
V
35
IFAGC-IN (HD-Bypass)
V35FM
15
13
25
25
2.45
V
36
GND (Analog)
V36FM
15
13
25
25
0
V
37
IFAGC-IN (Analog)
V37FM
15
13
25
25
2.45
V
38
VSM-AC
V38FM
15
13
25
25
0
5
V
39
IFAGC-IN (HD)
V39FM
15
13
25
25
2.45
V
40
VCC 5V (Analog)
V40FM
15
13
25
25
5
V
41
AM-Narrow-AGC-IN
V41FM
15
13
25
25
*
V
42
Address SW/DAC-Monitor
V42FM
15
13
25
25
3.1
V
43
AM-1st-IF-OUT
V43FM
15
13
25
25
7.5
V
44
4.9V REG
V44FM
15
13
25
25
4.7
V
45
IF-Narrow-IN
V45FM
15
13
25
25
2.6
V
46
IF-Narrow-IN(Bypass)
V46FM
15
13
25
25
2.6
V
47
AM-Wide-AGC (Bypass)
V47FM
15
13
25
25
1.5
V
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn