Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV24250LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV24250LS
Description  Compact Portable Equipment 1-Chip FM Tuner IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV24250LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV24250LS Datasheet HTML 1Page - Sanyo Semicon Device LV24250LS Datasheet HTML 2Page - Sanyo Semicon Device LV24250LS Datasheet HTML 3Page - Sanyo Semicon Device LV24250LS Datasheet HTML 4Page - Sanyo Semicon Device LV24250LS Datasheet HTML 5Page - Sanyo Semicon Device LV24250LS Datasheet HTML 6Page - Sanyo Semicon Device LV24250LS Datasheet HTML 7Page - Sanyo Semicon Device LV24250LS Datasheet HTML 8Page - Sanyo Semicon Device LV24250LS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LV24250LS
No.A1699-3/18
Package Dimensions
unit : mm (typ)
3393
Pin Assignment
SANYO : VQLP24J(3.5X3.5)
3.5
0.35
0.2
(0.1)
(0.75)
SIDE VIEW
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
2
Line_out_L
Package-GND
Package-GND
Package-GND
Package-GND
GND
1
Ext_CLK_IN
Package-GND
Package-GND
Package-GND
Top view
Package-GND
SCL
2
3
16
4
5
6
18 17
15 14 13
12
11
10
9
8
7
19
20
21
22
23
24


Similar Part No. - LV24250LS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV24250LS ONSEMI-LV24250LS Datasheet
239Kb / 18P
   Compact Portable Equipment
June, 2013
More results

Similar Description - LV24250LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV24230LS SANYO-LV24230LS Datasheet
189Kb / 17P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
LV24010LP SANYO-LV24010LP Datasheet
446Kb / 18P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FMRDS Tuner IC
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
   Compact Portable Equipment1-Chip FM Tuner IC
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Sanyo Semicon Device
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
   3V AM / FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA2111N TOSHIBA-TA2111N Datasheet
598Kb / 18P
   3V AM/FM 1 CHIP TUNER IC
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com