Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV24230LS Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LV24230LS
Description  Compact Portable Equipment 1-Chip FM Tuner IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV24230LS Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LV24230LS Datasheet HTML 4Page - Sanyo Semicon Device LV24230LS Datasheet HTML 5Page - Sanyo Semicon Device LV24230LS Datasheet HTML 6Page - Sanyo Semicon Device LV24230LS Datasheet HTML 7Page - Sanyo Semicon Device LV24230LS Datasheet HTML 8Page - Sanyo Semicon Device LV24230LS Datasheet HTML 9Page - Sanyo Semicon Device LV24230LS Datasheet HTML 10Page - Sanyo Semicon Device LV24230LS Datasheet HTML 11Page - Sanyo Semicon Device LV24230LS Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LV24230LS
No.A1989-8/17
Digital interface specification (interface specification : reference)
(1). Characteristics of SDA and SCL bus line relative to the I2C bus interface
Parameter
Symbol
Standard-mode
High_Speed-mode
unit
min
max
min
max
SCL clock frequency
FSCL
0
100
0
400
kHz
Fall time of both SDA and SCL
Tf
300
20+0.1Cb
300
ns
Rise time of both SDA and SCL
Tr
1000
20+0.1Cb
300
ns
High time of SCL
THIGH
4.0
0.6
μs
Low time of SCL
TLOW
4.7
1.3
μs
Hold time of STAT condition
THD ; STA
4.0
0.6
μs
Hold time of Data
THD ; DAT
03.45
0
0.9
μs
Set-up time of STAT condition
TSU ; STA
4.7
0.6
μs
Set-up time of STOP condition
TSU ; STO
4.0
0.6
μs
Set-up time of Data
TSU ; DAT
250
100
ns
Bus free time between a STOP and
TBUF
4.7
1.3
μs
Capacitivie load for each bus line
Cb
400
400
pF
*Cb = Total capacitance of one bus line
(2). Register map (On Register Map)
Following is Sub address map of LV24230LS. Each register becomes 8-bit constitution.
Address
Register Name
Mode
Remark
00h
CHIP_ID
R/W
Chip ID
02h
RADIO_STAT
R
Status of Radio Station
0Bh
RFCAP
R/W
RF Cap bank
0Dh
RADIO_CTRL1
R/W
Radio Control 1
0Eh
RADIO_CTRL2
R/W
Radio Control 2
0Fh
RADIO_CTRL3
R/W
Radio Control 3
10h
TNPL
R
Tune Position Low
11h
TNPH_STAT
R
Tune Position High and Status
19h
REF_CLK_PRS
R/W
Reference clock pre-scalar
1Ah
REF_CLK_DIV
R/W
Reference clock divider
1Bh
REF_CLK_OFF
R/W
Reference clock offset
1Dh
SCN_CTRL
R/W
Scan control
1Eh
TARGET_VAL_L
R/W
Target value Low
1Fh
TARGET_VAL_H
R/W
Target value High
R : Read only register
R/W : Read and Write register
SCL
SDA
THIGH
Repeated START
TSU;STA
THD;DAT TSU;DAT
THD;STA
TLOW
Tr
START Condition
Tf
Tf
Tr


Similar Part No. - LV24230LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
   Compact Portable Equipment1-Chip FM Tuner IC
More results

Similar Description - LV24230LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV24250LS SANYO-LV24250LS Datasheet
328Kb / 18P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
LV24010LP SANYO-LV24010LP Datasheet
446Kb / 18P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FMRDS Tuner IC
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
   Compact Portable Equipment1-Chip FM Tuner IC
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Sanyo Semicon Device
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
   3V AM / FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA2111N TOSHIBA-TA2111N Datasheet
598Kb / 18P
   3V AM/FM 1 CHIP TUNER IC
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com