Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8860V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV8860V
Description  Fan Motor Driver Single-Phase Full-Wave Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8860V Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV8860V Datasheet HTML 1Page - Sanyo Semicon Device LV8860V Datasheet HTML 2Page - Sanyo Semicon Device LV8860V Datasheet HTML 3Page - Sanyo Semicon Device LV8860V Datasheet HTML 4Page - Sanyo Semicon Device LV8860V Datasheet HTML 5Page - Sanyo Semicon Device LV8860V Datasheet HTML 6Page - Sanyo Semicon Device LV8860V Datasheet HTML 7Page - Sanyo Semicon Device LV8860V Datasheet HTML 8Page - Sanyo Semicon Device LV8860V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LV8860V
No.A1818-5/11
PIN function
NO.
Pin name
Function
Equivalent circuit
1
OUT1
Output pin for motor driver
16
OUT2
2
NC
No connect pin
3
NC
No connect pin
4
VCC
Power supply pin
5
RGH
Regulator voltage output pin for the upper output Tr
driver
6
PWM
Input pin for PWM control
* OPEN: pull up to High
* When input is High → output is High
When input is Low → output is Low
7
FG
FG (rotation detection) pulse output pin
8
RD
RD (lock detection) signal output pin
* During rotation → output is Low
During lock → output is High
9
IN1
Hall input + pin
11
IN2
Hall input - pin
10
HB
Hall bias output pin
Continued on next page.
1
16
5
6
7
8
9
11
10
*On circuit bord, means VCC, means RGL.


Similar Part No. - LV8860V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8860V ONSEMI-LV8860V Datasheet
205Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
More results

Similar Description - LV8860V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
   Fan Motor Driver Single-Phase Full-Wave Driver
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com