Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8806GQ Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV8806GQ
Description  3-phase sensor-less Motor Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8806GQ Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV8806GQ Datasheet HTML 1Page - Sanyo Semicon Device LV8806GQ Datasheet HTML 2Page - Sanyo Semicon Device LV8806GQ Datasheet HTML 3Page - Sanyo Semicon Device LV8806GQ Datasheet HTML 4Page - Sanyo Semicon Device LV8806GQ Datasheet HTML 5Page - Sanyo Semicon Device LV8806GQ Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LV8806GQ
No.A1974-3/6
Package Dimensions
unit : mm (typ)
3341
Block Diagram
SANYO : UCT16(2.6X2.6)
2.6
0.25
(0.55)
(0.125)
(C0.116)
0.5
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
21
16
Pd max -- Ta
0
1.0
0.2
--40
80
20
0
120
0.6
60
0.31
0.8
0.7
0.4
-20
40
100
Ambient temperature, Ta -- C
Specified board: 50
×50×1.6mm
glass epoxy board single layer.
VCC
4 UO
SENSORLESS
LOGIC
FG
RD
REFOSC
F/R
SWITCH
PRI
DRIVE
3
2
VO
WO
5
12 F/R
SELECTOR
CURR LIM
START
OSC
15
1
6
14
16
GND
TGND1
TGND2
RF
7
8
COM
COMIN
FIL
13
11
OSC
PWM
10
FG
9
RD
COM


Similar Part No. - LV8806GQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
LV8806QA-MH ONSEMI-LV8806QA-MH Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
More results

Similar Description - LV8806GQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
ON Semiconductor
LB11685AV-TLM-H ONSEMI-LB11685AV-TLM-H Datasheet
113Kb / 7P
   3-phase sensor less Motor driver
May, 2013
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
AMtek SEMICONDUCTORS CO...
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
   3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
   3-Phase Sensor-less BLDC Motor Driver
logo
ON Semiconductor
STK984-091A-E ONSEMI-STK984-091A-E Datasheet
69Kb / 7P
   3-phase Brush-less DC Motor Driver IC
April, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com