Electronic Components Datasheet Search |
|
LV8773 Datasheet(PDF) 10 Page - Sanyo Semicon Device |
|
LV8773 Datasheet(HTML) 10 Page - Sanyo Semicon Device |
10 / 14 page LV8773 No.A1961-10/26 (7) Output short-circuit protection function This IC incorporates an output short-circuit protection circuit that, when the output has been shorted by an event such as shorting to power or shorting to ground, sets the output to the standby mode and turns on the warning output in order to prevent the IC from being damaged. In the channels 1 and 2 operate independently. (Even if the output of channel 1 has been short-circuited, channel 2 will operate normally.) (7-1) Output short-circuit protection operation changeover function Changeover to the output short-circuit protection of IC is made by the setting of EMM pin. EMM State Low or Open Latch method High Auto reset method (7-2) Latch type In the latch mode, when the output current exceeds the detection current level, the output is turned OFF, and this state is held. The detection of the output short-circuited state by the IC causes the output short-circuit protection circuit to be activated. When the short-circuited state continues for the period of time set using the internal timer (approximately 2 μs), the output in which the short-circuiting has been detected is first set to OFF. After this, the output is set to ON again as soon as the timer latch time (Tcem) described later has been exceeded, and if the short-circuited state is still detected, all the outputs of the channel concerned are switched to the standby mode, and this state is held. This state is released by setting ST to low. Short-circuit Short- circuit Short-circuit detection state CEM voltage H-bridge output state Internal counter 1st counter start 1st counter stop 1st counter start 1st counter end 2nd counter start 2nd counter end Release Threshold voltage Output OFF Output ON Output ON Standby state |
Similar Part No. - LV8773 |
|
Similar Description - LV8773 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |