Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8712T Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV8712T
Description  PWM Constant-Current Control Stepping Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8712T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV8712T Datasheet HTML 1Page - Sanyo Semicon Device LV8712T Datasheet HTML 2Page - Sanyo Semicon Device LV8712T Datasheet HTML 3Page - Sanyo Semicon Device LV8712T Datasheet HTML 4Page - Sanyo Semicon Device LV8712T Datasheet HTML 5Page - Sanyo Semicon Device LV8712T Datasheet HTML 6Page - Sanyo Semicon Device LV8712T Datasheet HTML 7Page - Sanyo Semicon Device LV8712T Datasheet HTML 8Page - Sanyo Semicon Device LV8712T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
20211 SY/51210 SY 20100216-S00005 No.A1674-1/14
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LV8712T
Overview
The LV8712T is a stepping motor driver of the micro-step drive corresponding to supports 2W 1-2 phase excitation. It is
the best for the drive of the stepping motor for a scanner and a small printer.
Features
• Single-channel PWM constant-current control stepping motor driver incorporated.
• Excitation mode can be set to 2-phase, 1-2 phase, W1-2 phase , or 2W1-2 phase
• Microstep can control easily by the CLK-IN input.
• Power-supply voltage of motor
: VM max = 18V
• Output current
: IO max = 0.8A
• Output ON resistance
: RON = 1.1Ω (upper and lower total, typical, Ta = 25°C )
• A thermal shutdown circuit and a low voltage detecting circuit are built into.
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VM max
18
V
Logic supply voltage
VCC max
6V
Output peak current
IO peak
Each 1ch, tw
≤ 10ms, duty 20%
1.0
A
Output continuousness current
IO max
Each 1ch
800
mA
Logic input voltage
VIN
-0.3 to VCC + 0.3
V
Allowable power dissipation
Pd max
*
1.35
W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified circuit board : 57.0mm
×57.0mm×1.7mm, glass epoxy 2-layer board.
Bi-CMOS LSI
PWM Constant-Current Control
Stepping Motor Driver
Ordering number : ENA1674A


Similar Part No. - LV8712T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8712T ONSEMI-LV8712T Datasheet
198Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results

Similar Description - LV8712T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V_10 Datasheet
329Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8772 SANYO-LV8772 Datasheet
252Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8736V ONSEMI-LV8736V Datasheet
289Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T Datasheet
411Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V Datasheet
316Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8735V SANYO-LV8735V Datasheet
259Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8736LF SANYO-LV8736LF Datasheet
313Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8713T ONSEMI-LV8713T Datasheet
249Kb / 16P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com