Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8111V Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV8111V
Description  For Polygon Mirror Motor 3-phase Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8111V Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV8111V Datasheet HTML 5Page - Sanyo Semicon Device LV8111V Datasheet HTML 6Page - Sanyo Semicon Device LV8111V Datasheet HTML 7Page - Sanyo Semicon Device LV8111V Datasheet HTML 8Page - Sanyo Semicon Device LV8111V Datasheet HTML 9Page - Sanyo Semicon Device LV8111V Datasheet HTML 10Page - Sanyo Semicon Device LV8111V Datasheet HTML 11Page - Sanyo Semicon Device LV8111V Datasheet HTML 12Page - Sanyo Semicon Device LV8111V Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LV8111V
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
22
HB
Hall element bias current pin.
Goes ON when the S/S pin is in a start state.
Goes OFF when the S/S pin is in an stopped state.
22
VREG
23
24
25
26
27
28
IN1+
IN1−
IN2+
IN2−
IN3+
IN3−
Hall amplifier input pin.
A high level state of logic is recognized when IN+ > IN−.
In reverse case is a low-level state.
The input amplitude of 100mVp-p or more (differential) is
desirable in the Hall sensor inputs.
If noise on the Hall inputs is a problem, that noise must be
excluded by inserting capacitors across the inputs.
25
VREG
500
Ω
500
Ω
26
24
28
27
23
29
SUB
Frame ground pin. This pin is connected with the GND2 pin.
30
GND2
Ground pin of the output circuit block.
32
34
36
OUT3
OUT2
OUT1
Output pin.
As for PWM, Duty control is executed on the upper- side
FET.
38
RF
Source pin of output MOSFET (lower-side).
Connect a low resistance (Rf) between this pin and GND.
32
VCC
34 36
38
39
RFS
Output current detection pin.
Connect to RF pin.
39
5k
Ω
VREG
40
VCC2
Power supply pin.
Connect a capacitor between this pin and GND for
stabilization.
41
VCC1
Power supply pin for control.
42
VG
Charge pump output pin (Power supply for the upper side
FET gate).
Connect a capacitor between this pin and VCC.
43
44
CP1
CP2
Pin to connect a capacitor for charge pump.
Connect a capacitor between CP1 and CP2.
VCC
44
500
Ω
42
43
100
Ω
No.A1416-10/13


Similar Part No. - LV8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8111V SANYO-LV8111V Datasheet
177Kb / 13P
   3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
LV8111V-TLM-E ONSEMI-LV8111V-TLM-E Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8111VB ONSEMI-LV8111VB Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
December 2014 - Rev. 1
LV8111VB-AH ONSEMI-LV8111VB-AH Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
December 2014 - Rev. 1
More results

Similar Description - LV8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD6792FM ROHM-BD6792FM Datasheet
293Kb / 6P
   3-PHASE Brushless motor driver for porigon mirror motor
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com