Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8111V Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV8111V
Description  For Polygon Mirror Motor 3-phase Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8111V Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LV8111V Datasheet HTML 3Page - Sanyo Semicon Device LV8111V Datasheet HTML 4Page - Sanyo Semicon Device LV8111V Datasheet HTML 5Page - Sanyo Semicon Device LV8111V Datasheet HTML 6Page - Sanyo Semicon Device LV8111V Datasheet HTML 7Page - Sanyo Semicon Device LV8111V Datasheet HTML 8Page - Sanyo Semicon Device LV8111V Datasheet HTML 9Page - Sanyo Semicon Device LV8111V Datasheet HTML 10Page - Sanyo Semicon Device LV8111V Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LV8111V
Pin Function
Pin No.
Pin name
Function
Equivalent circuit
1
CLK
Clock input pin (10kHz maximum)
1
5k
Ω
10k
Ω
55k
Ω
VREG
2
LD
Phase lock detection output pin.
Goes ON during PLL-phase lock.
Open drain output.
2
VREG
3
S/S
Start/Stop input pin.
START with a low-level input.
STOP with a high-level input or open input
3
5k
Ω
10k
Ω
55k
Ω
VREG
4
VREG
5V regulator output pin.
(the control circuit power supply)
Connect a capacitor between this pin and GND for
stabilization.
4
VCC
50
Ω
5
BRSEL
Brake selection pin.
By low level, short-circuit braking when the S/S pin is in a
stopped state.
(Brake for the inspection process)
5
5k
Ω
55k
Ω
VREG
6
CSDSEL
Motor constraint protection detection signal selection pin.
Select FG with low,
and LD with high or in an open state.
6
5k
Ω
55k
Ω
VREG
Continued on next page.
No.A1416-7/13


Similar Part No. - LV8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8111V SANYO-LV8111V Datasheet
177Kb / 13P
   3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
LV8111V-TLM-E ONSEMI-LV8111V-TLM-E Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8111VB ONSEMI-LV8111VB Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
December 2014 - Rev. 1
LV8111VB-AH ONSEMI-LV8111VB-AH Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
December 2014 - Rev. 1
More results

Similar Description - LV8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD6792FM ROHM-BD6792FM Datasheet
293Kb / 6P
   3-PHASE Brushless motor driver for porigon mirror motor
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com