Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5683P Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV5683P
Description  For Car Audio Systems Multi Voltage Regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5683P Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV5683P Datasheet HTML 1Page - Sanyo Semicon Device LV5683P Datasheet HTML 2Page - Sanyo Semicon Device LV5683P Datasheet HTML 3Page - Sanyo Semicon Device LV5683P Datasheet HTML 4Page - Sanyo Semicon Device LV5683P Datasheet HTML 5Page - Sanyo Semicon Device LV5683P Datasheet HTML 6Page - Sanyo Semicon Device LV5683P Datasheet HTML 7Page - Sanyo Semicon Device LV5683P Datasheet HTML 8Page - Sanyo Semicon Device LV5683P Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LV5683P
No.A1982-3/9
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
AUDIO output ; AUDIO_EN = High
AUDIO output voltage
VO3
IO3 = 200mA
8.1
8.5
8.9
V
AUDIO output current
IO3
VO3 ≥ 8V
300
μA
Line regulation
ΔVOLN3
10V
< VCC < 16V, IO3 = 200mA
30
100
mV
Load regulation
ΔVOLD3
1mA
< IO3 < 200mA
70
140
mV
Dropout voltage
VDROP3
IO3 = 200mA
0.4
0.7
V
VCC ripple rejection
RREJ3
f = 120Hz, VCC=1VPP, IO3=200mA
40(*2)
50(*2)
dB
SWU (3.3V) Output ; SEU_EN = High
ILM output voltage
VO4
IO4 = 400mA
3.13
3.3
3.47
V
ILM output current
IO4
VO4 ≥ 3.1V
500
mA
Line regulation
ΔVOLN4
7.5V
< VCC1 < 16V, IO4 = 400mA
30
100
mV
Load regulation
ΔVOLD4
1mA
< IO4 < 400mA
80
150
mV
VCC1 ripple rejection
RREJ4
f = 120Hz, VCC1=1VPP, IO4=400mA
40(*2)
50(*2)
dB
*1: The entire specification has been defined based on the tests performed under the conditions where Tj and Ta(=25
°C) are almost equal. There tests were
performed with pulse load to minimize the increase of junction temperature(Tj).
*2 : design certification
Package Dimensions
unit : mm (typ)
3336
Allowable power dissipation derating curve
(a) IC unit(HZIP15)
(b) With Al heatsink(50×50×1.5mm
3)
Al heatsink mounting conditions
Tightening torque: 39N·cm, using silicone
grease
SANYO : HZIP15
21.6
(20.0)
HEAT SPREADER
(11.0)
(R1.75)
3.0
0.7
2.54 2.54
1.27
(1.91)
115
0.4
Pd max -- Ta
0
7
2
1
4
3
5
6
0
100
125
25
150
1.3
5.3
50
75
8
Ambient temperature, Ta - C
IC unit
Al heat sink (50
× 50 × 1.5mm3)


Similar Part No. - LV5683P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P Datasheet
171Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
LV56831P SANYO-LV56831P Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
   Multi Voltage Regulator IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
More results

Similar Description - LV5683P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
   Multi Voltage Regulator IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P Datasheet
171Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com