Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5636VH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5636VH
Description  For BS/CS antennas DC/DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5636VH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5636VH Datasheet HTML 1Page - Sanyo Semicon Device LV5636VH Datasheet HTML 2Page - Sanyo Semicon Device LV5636VH Datasheet HTML 3Page - Sanyo Semicon Device LV5636VH Datasheet HTML 4Page - Sanyo Semicon Device LV5636VH Datasheet HTML 5Page - Sanyo Semicon Device LV5636VH Datasheet HTML 6Page - Sanyo Semicon Device LV5636VH Datasheet HTML 7Page - Sanyo Semicon Device LV5636VH Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LV5636VH
No.A1979-2/8
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
8 to 23
V
LDOIN input voltage
VLDOIN
8 to 28
V
SW voltage
VSW
-0.3 to 28
V
EN voltage
VEN
0 to 23
V
Electrical Characteristics at Ta
= 25°C, VCC = 12V, VEN=VCTL=2V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
ALL
Supply current
ICC
Switching is turned off
2.1
4.0
mA
IOFF
EN=0V, LDOIN=0V
10
µA
Reference voltage
VREF
1.26
V
LDO output voltage
LDOOUT1
CTL=High
(-2%)
15.9
(2%)
V
LDOOUT2
CTL=Low
(-2%)
11.7
(2%)
V
DCDC output voltage
DCDCOUT1
CTL=High
(-2%)
16.5
(2%)
V
DCDCOUT2
CTL=Low
(-2%)
12.3
(2%)
V
Enable voltage
VEN
2.0
V
Disable voltage
VDIS
0.4
V
EN input current
IEN
VEN=2.0V
10
µA
PGOOD threshold
VPG
Power-good output is “good” when LDO is
85% or higher of the setting value.
85
%
PGOOD sink current
IPG
Where power-good output is “no good” and
VPGOOD=0.5V.
1.0
mA
PGOOD leak current
IPGLK
Where power-good output is “good” and
VPGOOD=2V
10
µA
PGDLY source current
IPGDLY
3.84
4.8
5.76
µA
PGDLY threshold
VPGDLY
1.26
V
CTL high voltage
VCTLH
15V output setting
2.0
V
CTL low voltage
VCTLL
11V output setting
0.4
V
CTL input current
ICTL
VCTL=2V
20
µA
UVLO on voltage
VUVLO
7.0
V
Thermal shutdown temperature
TTSD
*2
155
°C
TSD hysteresis
THYS
*2
30
°C
DC/DC boost converter
FB output voltage “Low”
FB low
IN=2.0V, IFB=-20µA (sink)
0.2
V
FB output voltage “High”
HB high
IN=2.0V, IFB=20µA (source)
1.8
V
Soft-start time
TSS
2.6
ms
Oscillator frequency
fOSC
1
MHz
Max ON duty
D max
85
%
SW ON resistance
RON
0.7
SW peak current
IPK
1.8
A
SCP timer
tSCP
1.6
ms
LDO
Maximum output current
IO max
450
620
800
mA
Line regulation
RLN
16.5V ‹ LDOIN ‹ 21.5V
20
mV
Load regulation
RLD
10mA ‹ IO ‹ 300mA
50
mV
Dropout voltage
VDROP
IO=400mA
0.35
0.5
V
Short current
ISHORT
LDOOUT=GND
100
mA
*2: Design guarantee value.


Similar Part No. - LV5636VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5636VH ONSEMI-LV5636VH Datasheet
179Kb / 8P
   DC/DC CONVERTER
September, 2013
logo
Sanyo Semicon Device
LV5636VH SANYO-LV5636VH Datasheet
227Kb / 8P
   For BS/CS antennas DC/DC converter
More results

Similar Description - LV5636VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5636VG SANYO-LV5636VG Datasheet
227Kb / 8P
   For BS/CS antennas DC/DC converter
logo
Renesas Technology Corp
M62260FP RENESAS-M62260FP Datasheet
2Mb / 7P
   CS/BS CONVERTER DRIVER IC
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F_07 Datasheet
573Kb / 10P
   Down Converter for BS/CS Tuner IC
logo
Mitsubishi Electric Sem...
M62260FP MITSUBISHI-M62260FP Datasheet
191Kb / 6P
   CS/BS CONVERTER DRIVER IC
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
Renesas Technology Corp
HVC316 RENESAS-HVC316 Datasheet
154Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Panasonic Semiconductor
AN8946SB PANASONIC-AN8946SB Datasheet
86Kb / 10P
   FM demodulation IC for BS/CS broadcasting
logo
Renesas Technology Corp
HVU316 RENESAS-HVU316 Datasheet
144Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
HVD316 RENESAS-HVD316 Datasheet
61Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F Datasheet
247Kb / 9P
   DOWN COVERTER FOR BS/CS TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com