Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5604T Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV5604T
Description  Eight-Channel Switching Regulator Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5604T Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV5604T Datasheet HTML 4Page - Sanyo Semicon Device LV5604T Datasheet HTML 5Page - Sanyo Semicon Device LV5604T Datasheet HTML 6Page - Sanyo Semicon Device LV5604T Datasheet HTML 7Page - Sanyo Semicon Device LV5604T Datasheet HTML 8Page - Sanyo Semicon Device LV5604T Datasheet HTML 9Page - Sanyo Semicon Device LV5604T Datasheet HTML 10Page - Sanyo Semicon Device LV5604T Datasheet HTML 11Page - Sanyo Semicon Device LV5604T Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LV5604T
No.A0966-10/12
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent Circuit
46
VCC
Signal system power supply
2
47
VBIAS1
VBIAS2
Power system power supply
(Output stage)
24
GND_S
Signal system GND
58
54
GND_P1 (VS1)
GND_P2 (VS2)
Output stage GND
(Output stage GND)
50
63
(NC)
(NC)
Use prohibited
(Not connected pins)
Notes
(1) Channel 8 step-up/step-down selection function
The channel 8 step-up or step-down converter selection is made by the SEL_8CH pin connection.
Step-up/step-down is selected by SEL_CH8, but this selection cannot be switched during use, and is fixed to either
step-up or step-down in the design stage. In addition, unlike other channels, channel 8 is not connected internally to a
pull-up/pull-down resistor, so an external resistor must be connected instead.
(Mode selection using SEL_CH8)
Selected mode
SEL_CH8 connection
OUT8 resistor connection
Step-down (DOWN converter)
VBIAS2
Connect to VBIAS2 via a resistor (between the PchTr gate and VBIAS2)
Step-up (UP converter)
GND_P2 (VS2)
Connect to GND_P2 (VS2) via a resistor
(between the NchTr gate and GND_P2 (VS2))
(2) Soft start time setting method
The soft start time is set with the capacitor connected between CSOFT* and GND_S.
This IC has an independent soft start function for each channel, so a capacitor must be connected for each channel to
set the soft start (time).
(Description of soft start operation)
(Outline of soft start pin)
(3) Setting the oscillation frequency
The internal oscillation frequency is set by the resistor connected to the RT pin and the capacitor connected to the CT
pin. The waveform generated on CT is a triangular wave with the charging/discharging waveform determined by RT
and CT.
fOSC =
1
CT × RT
[Hz]
The actual internal oscillation frequency deviates from the calculated value due to overshoot, undershoot and other
factors, so the frequency should be confirmed in an actual set.
CSOFT* [V]
CSOFT* voltage
VREG
(Internal constant voltage)
T [s]
VB (0.515 [V])
200k
CSOFT*
GND_S
VB ( = 0.515 [V] (TYP))
CSOFT pin
charging starts
The output voltage reaches the
set voltage
(Output voltage constant)
Soft start time (Tsoft [s])
VCC
VBIAS*
GND_S
GND_P*(VS*)
(NC)


Similar Part No. - LV5604T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604T SANYO-LV5604T Datasheet
151Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5604TA SANYO-LV5604TA Datasheet
185Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
More results

Similar Description - LV5604T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604TA SANYO-LV5604TA Datasheet
185Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T Datasheet
151Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
   4-Channel Switching Regulator Controller
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
BD9731KV ROHM-BD9731KV Datasheet
201Kb / 2P
   5-channel switching regulator controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com