Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5604T Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV5604T
Description  Eight-Channel Switching Regulator Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5604T Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV5604T Datasheet HTML 4Page - Sanyo Semicon Device LV5604T Datasheet HTML 5Page - Sanyo Semicon Device LV5604T Datasheet HTML 6Page - Sanyo Semicon Device LV5604T Datasheet HTML 7Page - Sanyo Semicon Device LV5604T Datasheet HTML 8Page - Sanyo Semicon Device LV5604T Datasheet HTML 9Page - Sanyo Semicon Device LV5604T Datasheet HTML 10Page - Sanyo Semicon Device LV5604T Datasheet HTML 11Page - Sanyo Semicon Device LV5604T Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LV5604T
No.A0966-9/12
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent Circuit
23
VREF
Internal constant voltage circuit output.
Connect a stabilizing capacitor.
48
CLK_IN
External clock input.
Apply an external clock of the internal
oscillation frequency or higher.
49
CLK_OUT
Clock output.
This outputs the internal or external clock
frequency pulse.
64
1
SYNC1
SYNC2
Channel 1 and channel 2 synchronous/diode
rectification switching.
Low : Synchronous rectification
High : Diode rectification
Switching operates independently for the
corresponding channel.
36
SEL_CH8
Channel 8 step-up/step-down switching.
High : Sets step-down
Low : Sets step-up
Continued on next page.
VREF
GND_S
14.8k
VREG
(Internal constant
voltage)
300
CLKIN
GND_S
VREG
(Internal constant
voltage)
300
300
CLKOUT
GND_S
VREG
(Internal constant
voltage)
SYNC*
120k
30k
GND_S
VREG
(Internal constant voltage)
SYNC*
L : Synchronous rectification
H : Diode rectification
SEL_CH8
GND_P2 (VS2)
VBIAS2
Channel 8 step-up/step-down switching
H (VBIAS2) : step-down, L (GND) : step-up


Similar Part No. - LV5604T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604T SANYO-LV5604T Datasheet
151Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5604TA SANYO-LV5604TA Datasheet
185Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
More results

Similar Description - LV5604T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604TA SANYO-LV5604TA Datasheet
185Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T Datasheet
151Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
   4-Channel Switching Regulator Controller
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
BD9731KV ROHM-BD9731KV Datasheet
201Kb / 2P
   5-channel switching regulator controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com