Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5256GP Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LV5256GP
Description  Operating Mode Switching Type Step-Up/Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5256GP Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LV5256GP_09 Datasheet HTML 1Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 2Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 3Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 4Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 5Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 6Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 7Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 8Page - Sanyo Semicon Device LV5256GP_09 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LV5256GP
No.A1277-7/9
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent Circuit
13
SS
Capacitor connection pin for soft start. The capacitor
connected to this pin is charged by the internal 10
µA
constant current. The interval during which this voltage
reaches Vref is called the soft start period. The voltage is
clipped to approx. 2V after the soft start. This pin is pulled
down to the ground level when ONOFF/UVLO lock mode.
13
VIN
500
REG_O
10k
10
µA
1.25V
REG_O
14
TRAC_IN
Reference voltage input pin for tracking power supply
operating. A voltage from 0V up to Vref applied to this pin
serves as the reference voltage for determining the output
voltage. This pin must be connected to the SS pin when it
is not to be used.
14
VIN
1k
REG_O
REG_O
15
FB
Error amplifier output pin. Connect a phase compensation
component between this pin and IN pin.
15
VIN
1k
1.25V
REG_O
400
100
µA
16
IN
Output voltage input pin. Apply the resistor divided output
voltage to this pin.
REG_O
16
VIN
1k
SS
TRAC_IN Vref
REG_O
17
OCP_SEL
OCP detection voltage switching pin, A 100k
Ω pull-down
resistor is provided between OCP_SEL and GND. The IC
enters the 0.8 times detection mode when this pin is
connected to GND or kept open and enters the 0.4 times
detection mode when the pin is connected to the REG_O
pin.
17
VDD
100k
Continued on next page.


Similar Part No. - LV5256GP_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5256GP SANYO-LV5256GP Datasheet
142Kb / 9P
   Bi-CMOS LSI Operating Mode Switching Type Step-Up/Down Converter
More results

Similar Description - LV5256GP_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5256GP SANYO-LV5256GP Datasheet
142Kb / 9P
   Bi-CMOS LSI Operating Mode Switching Type Step-Up/Down Converter
logo
Maxim Integrated Produc...
MAX16936EVKIT MAXIM-MAX16936EVKIT Datasheet
581Kb / 8P
   current-mode step-down converter with low operating current
Rev 2; 3/20
logo
Rohm
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
Sanken electric
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
   Current Mode Control Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com