Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF20SC3L Datasheet(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF20SC3L
Description  Schottky Rectifiers (SBD) (30V 20A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF20SC3L Datasheet(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button SF20SC3L Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF20SC3L Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF20SC3L Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF20SC3L Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF20SC3L Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF20SC3L Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF20SC3L Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd SF20SC3L Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd SF20SC3L Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0.1
1
10
1
10
100
SBD
Repetitive Surge Reverse Power Capability
Pulse Width tp [
µs]
tp
IRP
0
VR
0.5IRP
VRP
IR
PRRSM = IRP × VRP


Similar Part No. - SF20SC3L

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF20SC4 SHINDENGEN-SF20SC4 Datasheet
617Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
SF20SC6 SHINDENGEN-SF20SC6 Datasheet
451Kb / 10P
   SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
   SCHOTTKY RECTIFIERS SBD
More results

Similar Description - SF20SC3L

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF20PC3M SHINDENGEN-DF20PC3M Datasheet
535Kb / 8P
   Schottky Rectifiers (SBD) (30V 20A)
S20SC9M SHINDENGEN-S20SC9M Datasheet
534Kb / 10P
   Schottky Rectifiers (SBD) (90V 20A)
DF20SC9M SHINDENGEN-DF20SC9M Datasheet
536Kb / 10P
   Schottky Rectifiers (SBD) (90V 20A)
S20SC4M SHINDENGEN-S20SC4M Datasheet
592Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
SF20SC4 SHINDENGEN-SF20SC4 Datasheet
617Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
DF20SC4M SHINDENGEN-DF20SC4M Datasheet
578Kb / 10P
   Schottky Rectifiers (SBD) (40V 20A)
D20SC9M SHINDENGEN-D20SC9M Datasheet
591Kb / 10P
   Schottky Rectifiers (SBD) (90V 20A)
DE5PC3 SHINDENGEN-DE5PC3 Datasheet
541Kb / 8P
   Schottky Rectifiers (SBD) (30V 5A)
DF40PC3 SHINDENGEN-DF40PC3 Datasheet
540Kb / 8P
   Schottky Rectifiers (SBD) (30V 40A)
S60SC3ML SHINDENGEN-S60SC3ML Datasheet
534Kb / 10P
   Schottky Rectifiers (SBD) (30V 60A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com