Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5217GP Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV5217GP
Description  3ch LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5217GP Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV5217GP Datasheet HTML 1Page - Sanyo Semicon Device LV5217GP Datasheet HTML 2Page - Sanyo Semicon Device LV5217GP Datasheet HTML 3Page - Sanyo Semicon Device LV5217GP Datasheet HTML 4Page - Sanyo Semicon Device LV5217GP Datasheet HTML 5Page - Sanyo Semicon Device LV5217GP Datasheet HTML 6Page - Sanyo Semicon Device LV5217GP Datasheet HTML 7Page - Sanyo Semicon Device LV5217GP Datasheet HTML 8Page - Sanyo Semicon Device LV5217GP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LV5217GP
No.A0833-4/12
Pin Functions
Pin No.
Symbol
Description
Equivalent circuit
4
LEDON
Control inputs for the three external colored LEDs.
When an RSW, GSW, or BSW bit in the serial data
is set to 1, the corresponding LED will be on when
the voltage applied to the corresponding pin is high,
and off when the voltage applied is low.
8
9
SDAI
SCLI
I
2C signal inputs
3
RT
Reference current setting resistor connection.
A reference current is created by connecting an
external resistor between this pin and ground. The
pin voltage is roughly 1.2V. The LED driver current
can be changed by changing this current value.
14
15
16
RLED
GLED
BLED
Driver outputs for the three color LEDs.
Feedback is applied to control the current flowing in
the output transistors to be the set value. Each of
the driver output current levels can be set
independently with the serial data.
Continued on next page.
10k
Ω
GND
LEDON
VCC
VDD
GND
RT
30pF
35k
Ω
10k
Ω
VCC
10k
Ω
GND
Each input
VCC
VDD
5
Ω
GND
RLED
VCC


Similar Part No. - LV5217GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
More results

Similar Description - LV5217GP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5213LP ONSEMI-LV5213LP Datasheet
178Kb / 10P
   3ch LED Driver
August, 2013
logo
Sanyo Semicon Device
LV5213LP SANYO-LV5213LP Datasheet
191Kb / 10P
   3ch LED Driver
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
   3ch 75ohm driver
BD6878GUW ROHM-BD6878GUW Datasheet
220Kb / 6P
   3ch Stepping Motor Driver
logo
Unisonic Technologies
ULN2001LC UTC-ULN2001LC Datasheet
221Kb / 6P
   3CH DARLINGTON SINK DRIVER
ULN2001 UTC-ULN2001 Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
logo
New Japan Radio
NJW4702 NJRC-NJW4702 Datasheet
40Kb / 4P
   3ch Laser Diode Driver
logo
Rohm
BD16933EFV-C ROHM-BD16933EFV-C Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Asahi Kasei Microsystem...
AP2152 AKM-AP2152 Datasheet
995Kb / 18P
   3CH High Power WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com