Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5217GP Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV5217GP
Description  3ch LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5217GP Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV5217GP Datasheet HTML 4Page - Sanyo Semicon Device LV5217GP Datasheet HTML 5Page - Sanyo Semicon Device LV5217GP Datasheet HTML 6Page - Sanyo Semicon Device LV5217GP Datasheet HTML 7Page - Sanyo Semicon Device LV5217GP Datasheet HTML 8Page - Sanyo Semicon Device LV5217GP Datasheet HTML 9Page - Sanyo Semicon Device LV5217GP Datasheet HTML 10Page - Sanyo Semicon Device LV5217GP Datasheet HTML 11Page - Sanyo Semicon Device LV5217GP Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LV5217GP
No.A0833-9/12
Continued from preceding page.
D6
D5
D4
D3
D2
D1
D0
Current [mA]
1
1
0
1
1
0
1
21.91
1
1
0
1
1
1
0
22.11
1
1
0
1
1
1
1
22.30
1
1
1
0
0
0
0
22.50
1
1
1
0
0
0
1
22.70
1
1
1
0
0
1
0
22.90
1
1
1
0
0
1
1
23.10
1
1
1
0
1
0
0
23.29
1
1
1
0
1
0
1
23.49
1
1
1
0
1
1
0
23.69
1
1
1
0
1
1
1
23.89
1
1
1
1
0
0
0
24.09
1
1
1
1
0
0
1
24.29
1
1
1
1
0
1
0
24.48
1
1
1
1
0
1
1
24.68
1
1
1
1
1
0
0
24.88
1
1
1
1
1
0
1
25.08
1
1
1
1
1
1
0
25.28
1
1
1
1
1
1
1
25.48
* Note 1 : There is significant current variance, so care should be taken for use. The current value can be set when D7 is “0.”


Similar Part No. - LV5217GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
More results

Similar Description - LV5217GP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5213LP ONSEMI-LV5213LP Datasheet
178Kb / 10P
   3ch LED Driver
August, 2013
logo
Sanyo Semicon Device
LV5213LP SANYO-LV5213LP Datasheet
191Kb / 10P
   3ch LED Driver
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
   3ch 75ohm driver
BD6878GUW ROHM-BD6878GUW Datasheet
220Kb / 6P
   3ch Stepping Motor Driver
logo
Unisonic Technologies
ULN2001LC UTC-ULN2001LC Datasheet
221Kb / 6P
   3CH DARLINGTON SINK DRIVER
ULN2001 UTC-ULN2001 Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
logo
New Japan Radio
NJW4702 NJRC-NJW4702 Datasheet
40Kb / 4P
   3ch Laser Diode Driver
logo
Rohm
BD16933EFV-C ROHM-BD16933EFV-C Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Asahi Kasei Microsystem...
AP2152 AKM-AP2152 Datasheet
995Kb / 18P
   3CH High Power WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com