Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5105FN Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV5105FN
Description  For cell phone system Power supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5105FN Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV5105FN Datasheet HTML 1Page - Sanyo Semicon Device LV5105FN Datasheet HTML 2Page - Sanyo Semicon Device LV5105FN Datasheet HTML 3Page - Sanyo Semicon Device LV5105FN Datasheet HTML 4Page - Sanyo Semicon Device LV5105FN Datasheet HTML 5Page - Sanyo Semicon Device LV5105FN Datasheet HTML 6Page - Sanyo Semicon Device LV5105FN Datasheet HTML 7Page - Sanyo Semicon Device LV5105FN Datasheet HTML 8Page - Sanyo Semicon Device LV5105FN Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LV5105FN
No.7600-4/9
Continued from preceding page.
[LED driver]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
LEDR output voltage
VLR
IO = 40mA
0
0.1
0.2
V
LEDG output voltage
VLG
IO = 40mA
0
0.1
0.2
V
LEDB output voltage
VLB
IO = 40mA
0
0.1
0.2
V
LEDF output voltage
VLF
IO = 40mA
0
0.15
0.3
V
LEDR OFF leak
ILR
0
1
μA
LEDG OFF leak
ILG
0
1
μA
LEDB OFF leak
ILB
0
1
μA
LEDF OFF leak
ILF
0
1
μA
[Mic bias]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output ON resistance
RMO
IO = 10mA
10
Ω
OFF leakage current
ILM
0
1
μA
[Output voltage (GP_0, 1)]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output H level
VOH
IO = 1mA
REG10
-0.3
REG10
V
Output L level
VOL
IO = 1mA
0
0.3
V
[Input voltage 1 (SDATA, SEN, SCLK)]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
H level
VINH1
Input H level
REG10
×0.8
REG10
V
L level
VINL1
Input L level
0
REG10
×0.2
V
[Input voltage 2 (T_CNT, TCXOCNT, ECO, REG3CTL, REG12CTL, PWRON, RTCINT, MSSELO, MSSELOC, KEYSENSE4, HWRESET)]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
H level
VINH2
Input H level
REG40
×0.8
REG40
V
L level
VINL2
Input L level
0
REG40
×0.2
V
[Input voltage 3 (RESOUT_N)]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
H level
VINH3
Input H level
REG20
×0.8
REG20
V
L level
VINL3
Input L level
0
REG20
×0.2
V
[Input voltage 4 (CHG_G)]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
H level
VINH4
Input H level
REG40
×0.8
6
V
L level
VINL4
Input L level
0
REG40
×0.2
V
Continued on next page.


Similar Part No. - LV5105FN

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV5100E FOSHAN-LV5100E Datasheet
730Kb / 6P
   Schottky Barrier Diode in a TO-277 Plastic Package
logo
Sanyo Semicon Device
LV5103LP SANYO-LV5103LP Datasheet
124Kb / 11P
   Bi-CMOS LSI Cell Phone Power Supply IC
LV5106FN SANYO-LV5106FN Datasheet
94Kb / 6P
   Bi-CMOS IC For cell phone system Power supply
More results

Similar Description - LV5105FN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5106FN SANYO-LV5106FN Datasheet
94Kb / 6P
   Bi-CMOS IC For cell phone system Power supply
LV5103LP SANYO-LV5103LP Datasheet
124Kb / 11P
   Bi-CMOS LSI Cell Phone Power Supply IC
LV5219LG SANYO-LV5219LG Datasheet
473Kb / 65P
   For cell phone LED driver
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
   Mobile Phone Power Management System
logo
Power Integrations, Inc...
LNK500P POWERINT-LNK500P_1 Datasheet
353Kb / 19P
   2.4W Cell Phone Charger
logo
Rohm
BD6028GU ROHM-BD6028GU Datasheet
399Kb / 6P
   Power supply for CCD camera of mobile phone
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD6020GU ROHM-BD6020GU Datasheet
391Kb / 6P
   Power supply for CCD camera of mobile phone
logo
Power Integrations, Inc...
TNY266P POWERINT-TNY266P Datasheet
218Kb / 17P
   3.6W Cell Phone Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com