Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5072M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5072M
Description  DC/DC Converter IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5072M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5072M Datasheet HTML 1Page - Sanyo Semicon Device LV5072M Datasheet HTML 2Page - Sanyo Semicon Device LV5072M Datasheet HTML 3Page - Sanyo Semicon Device LV5072M Datasheet HTML 4Page - Sanyo Semicon Device LV5072M Datasheet HTML 5Page - Sanyo Semicon Device LV5072M Datasheet HTML 6Page - Sanyo Semicon Device LV5072M Datasheet HTML 7Page - Sanyo Semicon Device LV5072M Datasheet HTML 8Page - Sanyo Semicon Device LV5072M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LV5072M
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VIN = PVIN, 0.8V ≤ VOUT ≤ 1.3V
2.95 to 5.5
V
VIN = PVIN, 1.3V ≤ VOUT ≤ 1.9V
3.2 to 5.5
V
Supply voltage
VIN
VIN = PVIN, 1.9V ≤ VOUT ≤ 3.3V
4.5 to 5.5
V
Input pin voltage
VINC
GPI, ENDCO
-0.3 to VIN
V
Electrical Characteristics, Current drain, unless otherwise specified at Ta
= 25°C, VIN = 5.0V, no load
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby current drain
ICCSB
GPI = ENDCO = Low
0.5
10
μA
Current drain DCDC ON
ICCFL
GPI = ENDCO = High, VOUT = 1.8V
12
16
mA
DC/DC, unless otherwise specified at Ta
= 25°C, VIN = 5.0V, VOUT = 1.8V, no load
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
FB voltage
VFB
IO = 10mA
0.49
0.50
0.51
V
Current limit peak value
CLIMIT
2.3
A
Efficiency 1
EF1
IO = 0.5A, VOUT = 3.3V
90
%
Efficiency 2
EF2
IO = 0.5A, VOUT = 1.8V
82
%
Load regulation
VL
IO = 1mA to 2A
25
70
mV
Frequency
Fosc
1.7
2.2
2.7
MHz
RLXP
IOH = -300mA, Pch
0.15
Ω
LX ON resistance
RLXN
IOL = 300mA, Nch
0.15
Ω
GPI, ENDCO Input, GPO Output, unless otherwise specified at Ta
= 25°C, VIN = 5.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
GPO Output current
Igpo
GPI = 0V, GPO = 1.5V
7.5
15
37.5
mA
GPO output voltage Low-level
VOL
GPI = 0V, IOL = 5mA
0.5
1
V
GPO output leakage current
ILK
GPO
0
10
μA
GPI/ENDCO input voltage High-level
VINH
Input High-level GPI, ENDCO
1.5
V
GPI/ENDCO input voltage Low-level
VINL
Input Low-level GPI, ENDCO
0
0.3
V
Package Dimensions
unit : mm (typ)
3384
No.A1670-2/9
SANYO : MFP12S(225mil)
5.0
12
12
0.15
0.3
0.8
(0.5)
(3.4)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
Pd max -- Ta
0
0.60
1.50
1.0
2.0
1.5
0.5
--20
60
80
20
40
0
100
Ambient temperature, Ta --
°C
Specified circuit board : 50.0
× 50.0 × 1.6mm3
2-layer glass epoxy board,
Wiring density on the
backside = 54%


Similar Part No. - LV5072M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5071M SANYO-LV5071M Datasheet
195Kb / 9P
   DC/DC Converter IC
More results

Similar Description - LV5072M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK11815M ETC-TK11815M Datasheet
11Kb / 1P
   DC-DC CONVERTER IC
logo
Sanyo Semicon Device
LV5071M SANYO-LV5071M Datasheet
195Kb / 9P
   DC/DC Converter IC
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
logo
Fujitsu Component Limit...
MB3828 FUJITSU-MB3828 Datasheet
245Kb / 26P
   Pentium DC/DC Converter IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N_17 Datasheet
241Kb / 4P
   DC-DC Converter Power IC
MD1322F SHINDENGEN-MD1322F_17 Datasheet
238Kb / 4P
   DC-DC Converter Power IC
MD1421N SHINDENGEN-MD1421N_17 Datasheet
240Kb / 4P
   DC-DC Converter Power IC
MD3221R SHINDENGEN-MD3221R_17 Datasheet
240Kb / 4P
   DC-DC Converter Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com