Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5050NV_0812 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5050NV_0812
Description  DC / DC Converter Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5050NV_0812 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5050NV_0812 Datasheet HTML 1Page - Sanyo Semicon Device LV5050NV_0812 Datasheet HTML 2Page - Sanyo Semicon Device LV5050NV_0812 Datasheet HTML 3Page - Sanyo Semicon Device LV5050NV_0812 Datasheet HTML 4Page - Sanyo Semicon Device LV5050NV_0812 Datasheet HTML 5Page - Sanyo Semicon Device LV5050NV_0812 Datasheet HTML 6Page - Sanyo Semicon Device LV5050NV_0812 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LV5050NV
No.A1159-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Allowable terminal voltage *2
1
HDRV,CBOOT
28
V
2
Between
HDRV, CBOOT and SW
6.5
V
3
VIN, ILIM, RSNS, SW, PGOOD
18
V
4
VLIN5, VDD, LDRV
6.5
V
5
COMP, FB, SS, UV_DELAY
TD, CT, CLKO
VLIN5+0.3
V
*2: The Allowable Terminal Voltage, the SGND+PGND pin becomes a standard except for No.2 of the allowable terminal voltage about No.2 of
the allowable terminal voltage, the SW pin becomes a standard.
Recommended Operating Condition at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VIN
VIN and VLIN5 pins opens
7.5 to 16
V
Supply voltage
VIN
VIN and VLIN5 pins shorted
4.5 to 6.0
V
Electrical Characteristics at Ta = 25
°C, VIN=12V, Unless especially specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
System
Reference voltage for comparing
VREF
0.818
0.826
0.834
V
Supply current 1
ICC1
TD = 5V (Except for the Ciss charge)
2
4
mA
Supply current 2
ICC2
TD = 0V
0.3
0.6
1.2
mA
5V supply voltage
VLIN5
IVIN5 = 0 to 10mA
4.75
5.00
5.25
V
Over-current sense comparator offset
VCLOS
-5
+5
mV
Over-current sense reference current
source
ICL
VIN = 10 to 14V
7.47
8.30
9.13
µA
Leading edge pulse blank time
TLEPB
120
150
Soft start source current
ISSSC
TD = 5V
-2.0
-3.5
-5.0
µA
Soft start sink current
ISSSK
TD = 0V
0.5
2.0
mA
Soft start clamp voltage
VSST0
When the voltage of the SS pin operating
1.2
1.6
2.0
V
UV_DELAY source current
ISCUVD
UV_DELAY = 2V
-6.1
-8.6
-12.0
µA
UV_DELAY sink current
ISKUVD
UV_DELAY = 2V
0.5
2
mA
UV_DELAY threshold voltage
VUVD
1.9
2.4
3.0
V
UV_DELAY operating voltage
VUVP
100% at VFB = VREF
87
92
97
%
VUVP detection hysteresis
∆VUVP
1.5
%
Output discharge transistor ON resistance
VSWON
5
10
20
Output part
CBOOT leakage current
ICBOOT
VCBOOT = VSW + 6.5V
10
µA
HDRV LDRV source current
ISCDRV
0.5
1.0
A
HDRV LDRV sink current
ISKDRV
0.5
1.0
A
HDRV lower ON resistance
RHDRV
IOUT = 500mA
0.5
1.5
3.0
LDRV lower ON resistance
RLDRV
IOUT = 500mA
0.5
1.5
3.0
Synchronous ON prevention dead time 1
Tdead1
LDRV OFF
→HDRV ON
50
70
120
ns
Synchronous ON prevention dead time 2
Tdead2
HDRV OFF
→LDRV ON
70
120
280
ns
Oscillator
Oscillation freaquency
fosc
CT = 130pF
280
330
380
kHz
Oscillation frequency range
foscop
250
1100
kHz
Maximum ON duty
DON max
CT = 130pF
83
90
79
%
Minimum ON time
TON min
CT = 130pF
100
ns
Upper-side voltage saw- tooth wave
VsawH
fOSC = 300kHz
1.5
2
2.6
V
Lower-side voltage saw-tooth wave
VsawL
fOSC = 300kHz
0.8
1
1.2
V
Continued on next page.


Similar Part No. - LV5050NV_0812

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5050NV SANYO-LV5050NV Datasheet
104Kb / 7P
   Bi-CMOS IC DC / DC Converter Controller
More results

Similar Description - LV5050NV_0812

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
   DC/DC CONVERTER CONTROLLER
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com