Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV4985VH Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV4985VH
Description  For Portable Electronic Device Use 1.2W x 2ch BTL Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4985VH Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV4985VH Datasheet HTML 5Page - Sanyo Semicon Device LV4985VH Datasheet HTML 6Page - Sanyo Semicon Device LV4985VH Datasheet HTML 7Page - Sanyo Semicon Device LV4985VH Datasheet HTML 8Page - Sanyo Semicon Device LV4985VH Datasheet HTML 9Page - Sanyo Semicon Device LV4985VH Datasheet HTML 10Page - Sanyo Semicon Device LV4985VH Datasheet HTML 11Page - Sanyo Semicon Device LV4985VH Datasheet HTML 12Page - Sanyo Semicon Device LV4985VH Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LV4985VH
4. pin 6 capacitor (C5)
This capacitor is a ripple filter capacitor. The internal resistors (600k
Ω + 50kΩ) and C5 make up a low-pass filter that
is used to reduce the power supply ripple component and increase the ripple rejection ratio.
Note that inside the IC, the rising-transient-response-characteristic of the pin 6 voltage (reference voltage) is used to
activate the automatic pop noise reduction circuit. Therefore, when reducing the C5 capacitance value to increase the
voltage rise speed, the design should take into account that the pop noise increases during voltage rise.
5. Power supply line capacitor (C6 and C7)
The bypass capacitor C7 is used to remove the high frequency component that cannot be eliminated by the power
supply capacitor C6 (chemical capacitor). Place the bypass capacitor C7 as near to the IC as possible, and use a ceramic
capacitor with good high frequency characteristics.
When using a stabilized power supply, these capacitors can also be combined into a single 2.2
μF ceramic capacitor.
Note that when the power supply line is relatively unstable, the power supply capacitor C6 capacitance value must be
increased.
6. Load capacitance
When connecting a capacitor between the output pin and ground to suppress electromagnetic radiation or other
purposes, the effects of this capacitor may cause the power amplifier phase margin to be reduced, resulting in
oscillation. When adding this capacitor, care should be taken for the capacitance value.
Recommended capacitance value : 1000pF to 0.1
μF
7. Headphone drive
When also using the BTL amplifier’s first amplifier as the headphone amplifier, it is recommended to adjust the level
by inserting series resistors R9 (R10) to the signal line as shown in Application Circuit Example-2.
Note that this series resistor, the headphone load resistance and the output coupling capacitors C9 (C10) make up a
high-pass filter, so this should be taken into account in the design. The cut-off frequencies are expressed by the
following formulas.
1ch
⇒ fc5 = 1/ (2π × C9 × (R9 + RL))
2ch
⇒ fc6 = 1/ (2π × C10 × (R10 + RL))
8. Standby pin (pin 9)
As shown in Figure1, by controlling the standby pin, the mode changeover can be made between standby mode,
single-ended (SE) operating mode, and BTL operating mode.
State
Pin 9 voltage
Port A
Port B
Standby mode
0V to 0.3V
Low
Low
SE operating mode
1.3V to 1.7V
High
Low
BTL operating mode
2.3V to VCC
High
High
A-port
B-port
LV4985VH
VCC
VCC
STBY
STBY
STBY
CPU
R5
R6
9
A-port
CPU
R5
R5
9
9
3
Fig. 1
Fig. 2
Fig. 3
When not using the single-ended operating mode, a direct control is possible by connecting the standby pin to the CPU
output port. However, it is recommended to insert a series resistor R5 (1k
Ω or more) as shown in Figure 2 in case the
pin is affected by the digital noise from CPU.
In addition, when not using the standby mode, the pin 9 can also be used interlocked with the power supply as shown in
Figure 3. Since there exists an internal current limiting resistor (30k
Ω), the series resistor R5 can be eliminated, but the
current I9 expressed by the following formula flows through the pin 9, so this should be taken into account in the
design.
Pin 9 inflow current (unit : A) : I9 = 4.7
× 10-6 + (VCC - 0.7)/(R5 + 30000)
No.A1568-9/15


Similar Part No. - LV4985VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4985VH SANYO-LV4985VH Datasheet
408Kb / 15P
   Bi-CMOS IC For Portable Electronic Device Use 1.2W 횞 2ch BTL Power Amplifier
More results

Similar Description - LV4985VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4985VH SANYO-LV4985VH Datasheet
408Kb / 15P
   Bi-CMOS IC For Portable Electronic Device Use 1.2W 횞 2ch BTL Power Amplifier
LV49821VH SANYO-LV49821VH Datasheet
404Kb / 15P
   For Portable Electronic Device Use 1.4W 횞 2ch BTL Power Amplifier
logo
ON Semiconductor
LV49821VH ONSEMI-LV49821VH Datasheet
318Kb / 15P
   For Portable Electronic Device Use Power Amplifier
May, 2013
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
   18W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com