Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV4912GP Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV4912GP
Description  Class-D Audio Power Amplifier BTL 2W횞1ch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4912GP Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV4912GP Datasheet HTML 3Page - Sanyo Semicon Device LV4912GP Datasheet HTML 4Page - Sanyo Semicon Device LV4912GP Datasheet HTML 5Page - Sanyo Semicon Device LV4912GP Datasheet HTML 6Page - Sanyo Semicon Device LV4912GP Datasheet HTML 7Page - Sanyo Semicon Device LV4912GP Datasheet HTML 8Page - Sanyo Semicon Device LV4912GP Datasheet HTML 9Page - Sanyo Semicon Device LV4912GP Datasheet HTML 10Page - Sanyo Semicon Device LV4912GP Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LV4912GP
No.A1173-9/11
General Characteristics
4
3.5
3
4.5
5
5.5
0
2
4
6
10
8
12
14
2
3
5
7
16
2.5
4
3.5
3
4.5
5
5.5
6
Supply voltage, VD – V
THD+N – PO
0.01
0.1
2
3
5
7
2
3
5
7
1
10
0.001 23
5 70.01 23 5 7 0.1
23
5 7
23
5 7
1
3
456
10
Output power, PO –W
PO – VD
0
0.5
1
1.5
2
2.5
27
Supply voltage, VD – V
23
5 70.01 23 5 7 0.1
2 3
57
2 3
57
1
THD+N – PO
0.01
2
3
5
7
2
3
5
7
0.1
2
3
5
7
0.1
10
0.001
10
Output power, PO –W
PCA02904
2.5
6
Supply voltage, VD – V
Imute – VD
ICCO – VD
VD = 5V
AES17
0
0.5
1
1.5
2
2.5
3
3.5
23
4
5
6
7
Supply voltage, VD – V
PO – VD
0.001
2
3
5
7
0.01
2
3
5
7
0.1
2
3
5
7
2
3
5
7
1
10
10
25
37
2
5
37
100
1000
Input voltage, VIN – mVp
PO – VIN
0.14
0.16
Ist – VD
0
0.02
0.04
0.06
0.08
0.1
0.12
0.18
1
2
3
4
5
6
0
7
2.5
4
3.5
3
4.5
5
5.5
6
Supply voltage, VD – V
RL = 4Ω
STBT = L, MUTE = L
RL = 4Ω
STBT = H, MUTE = H
VD = 5V
RL = 4Ω
AES17
VD = 5V
RL = 4Ω
AES17
VD = 5V
RL = 8Ω
AES17
VD = 5V
RL = 8Ω
AES17
RL = 4Ω
STBT = L, MUTE = L
THD = 10%
f = 6.67kHz
f = 100Hz
f = 1kHz
f = 6.67kHz
f = 100Hz
f = 1kHz
THD = 1%
THD = 10%
THD = 1%
RL = 4Ω
RL = 8Ω


Similar Part No. - LV4912GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4912GP SANYO-LV4912GP Datasheet
133Kb / 11P
   Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
More results

Similar Description - LV4912GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4912GP SANYO-LV4912GP Datasheet
133Kb / 11P
   Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
logo
ON Semiconductor
LV49152V-TLM-E ONSEMI-LV49152V-TLM-E Datasheet
378Kb / 24P
   Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
logo
Sanyo Semicon Device
LV4924VH SANYO-LV4924VH Datasheet
808Kb / 15P
   Class-D Audio power Amplifier Power cell BTL 10W횞2ch
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
AN4015 STMICROELECTRONICS-AN4015 Datasheet
2Mb / 22P
   Dual-BTL class-D audio amplifier demonstration board
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Sanyo Semicon Device
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4900HR SANYO-LV4900HR Datasheet
385Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com