Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV3327PGP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV3327PGP
Description  Electronic Volume IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV3327PGP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV3327PGP Datasheet HTML 1Page - Sanyo Semicon Device LV3327PGP Datasheet HTML 2Page - Sanyo Semicon Device LV3327PGP Datasheet HTML 3Page - Sanyo Semicon Device LV3327PGP Datasheet HTML 4Page - Sanyo Semicon Device LV3327PGP Datasheet HTML 5Page - Sanyo Semicon Device LV3327PGP Datasheet HTML 6Page - Sanyo Semicon Device LV3327PGP Datasheet HTML 7Page - Sanyo Semicon Device LV3327PGP Datasheet HTML 8Page - Sanyo Semicon Device LV3327PGP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LV3327PV/PGP
No.A1879-2/11
Specifications
Absolute Maximum Ratings
at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
6V
Maximum input voltage
VIN max
All input pins
VSS-0.3 to VDD
V
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-50 to +125
°C
Allowable Operating Ratings
at Ta = 25
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
3.0
5.0
5.5
V
High-level input voltage
VIH
DATA, CLK
0.7 VDD
VDD
V
Low-level input voltage
VIL
DATA, CLK
VSS
0.2 VDD
V
Input pulse width
T
φW
CLK
0.6
μsec
Setup time
Tsetup
DATA, CLK
0.1
μsec
Hold time
Thold
DATA, CLK
0.9
μsec
Operating frequency
fopg
CLK
400
kHz
Electrical Characteristics
at Ta = 25°C, VDD = 5V, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
A loss of insertion
ATT
-1.0
+1.0
dB
Input resistance
Rin
IN1/IN2/IN3/IN4
50
k
Ω
Volumn step setting error margin
ATerr
+10dB to -40dB
-1.0
+1.0
dB
Total harmonic distortion
THD
VIN = 1Vrms, f = 1kHz
0.01
%
Maximum attenuation
VO min
VIN = 1Vrms, f = 1kHz
80
dB
Output noise voltage
VN
Rin=1k
Ω
5
μVrms
Current drain
IDD
5
mA
Input high-level current
IIH
DATA, CLK, VIN = 5.0V
10
μA
Input low-level current
IIL
DATA, CLK, VIN = 0V
-10
μA
Maximum input voltage
VCL
THD = 1% RL = 10k
Ω
volumn setting : flat, fIN = 1kHz
1.0
Vrms
Package Dimensions
unit : mm (typ)
3178B[LV3327PV]
3318[LV3327PGP]
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15
2.6
0.25
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
TOP VIEW
LASER MARKED
INDEX
0.5
(0.55)
(C0.116)
(0.125)
1
2
SANYO : VCT16(2.6X2.6)


Similar Part No. - LV3327PGP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV Datasheet
201Kb / 11P
   Electronic Volume IC
logo
ON Semiconductor
LV3327PV ONSEMI-LV3327PV Datasheet
167Kb / 11P
   Electronic Volume IC
June, 2013
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
More results

Similar Description - LV3327PGP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
logo
Sanyo Semicon Device
LV3327PV SANYO-LV3327PV_12 Datasheet
201Kb / 11P
   Electronic Volume IC
logo
ON Semiconductor
LV3327PV ONSEMI-LV3327PV Datasheet
167Kb / 11P
   Electronic Volume IC
June, 2013
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Princeton Technology Co...
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com