Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB85BK6SGXA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB85BK6SGXA
Description  Edgeboard Connectors, Dual Readout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB85BK6SGXA Datasheet(HTML) 2 Page - Vishay Siliconix

  EB85BK6SGXA Datasheet HTML 1Page - Vishay Siliconix EB85BK6SGXA Datasheet HTML 2Page - Vishay Siliconix EB85BK6SGXA Datasheet HTML 3Page - Vishay Siliconix EB85BK6SGXA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 36005
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 16-Feb-09
15
EB8
Edgeboard Connectors, Dual Readout
Vishay Dale
DIMENSIONS in inches (millimeters)
Section C to C:
Polarizing Key:
When ordering polarizing keys individually, specify by the
Model Number:
PK-8 between contacts. Hand insertion tool, TPK-8,
provided upon request.
# OF CONTACT
POSITIONS
ABD
E
6
1.78 (45.21)
1.531 (38.89)
1.240 (31.50)
1.100 (27.94)
10
2.41 (61.21)
2.156 (54.76)
1.864 (47.35)
1.724 (43.79)
12
2.72 (69.09)
2.469 (62.71)
2.176 (55.27)
2.036 (51.71)
15
3.19 (81.03)
2.937 (74.60)
2.644 (67.16)
2.504 (63.60)
18
3.66 (92.96)
3.406 (86.51)
3.112 (79.05)
2.972 (75.49)
22
4.28 (108.71)
4.031 (102.39)
3.736 (94.89)
3.596 (91.34)
24
4.59 (116.59)
4.344 (110.33)
4.051 (102.89)
3.911 (99.34)
25
4.75 (120.65)
4.500 (114.30)
4.207 (106.86)
4.067 (103.30)
C
C
A
B
E
D
0.060 (1.52)
R Typ.
0.340
(8.64)
0.030 (0.762)
0.350 (8.89)
Typ.
0.156 (3.96)
Typ.
See Table for
Terminal Variations
0.250
(6.35)
0.460
(11.70)
0.200
(5.08)
0.054 to 0.071
(1.37 to 1.80)
0.330 (8.38)
Depth of
Card Insertion
0.023
(0.584)
0.120
(3.05)
0.325
(8.26)


Similar Part No. - EB85BK6SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB85BK6SGXA VISHAY-EB85BK6SGXA Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
More results

Similar Description - EB85BK6SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com