Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV1115M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV1115M
Description  Surround Processor ICs for Electronic Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1115M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV1115M Datasheet HTML 1Page - Sanyo Semicon Device LV1115M Datasheet HTML 2Page - Sanyo Semicon Device LV1115M Datasheet HTML 3Page - Sanyo Semicon Device LV1115M Datasheet HTML 4Page - Sanyo Semicon Device LV1115M Datasheet HTML 5Page - Sanyo Semicon Device LV1115M Datasheet HTML 6Page - Sanyo Semicon Device LV1115M Datasheet HTML 7Page - Sanyo Semicon Device LV1115M Datasheet HTML 8Page - Sanyo Semicon Device LV1115M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LV1115/1115M
No.8263-5/15
I
2C BUS register
1) The explanation of I
2C Bus
I2C Bus (Inter IC Bus) is the bus system which the PHILIPS company developed.
It does controls such as the start, the stop by two control signals of SDA (Serial Data) and SCL (Serial Clock).
The output of each signal is open drain and forms out of wired OR.
S: Start condition
P: Stop condition
ACK: Acknowledge
Data is transmitted in the MSB first.
1 unit is composed of 8 bits and ACK is put back from the slave to confirm.
Slave IC reads data with rising edge of SCL.
Master IC changes data by falling edge in SCL.
2) The control register
Table1 Slave Address
MSB
LSB
1
1
1
0
1
1
1
0
Note; LV1115/M are reception exclusive use. It depends and it uses LSB by the "0" fixation.
Table2 I2C Bus transmission
Sub Address
Data
Function
BINARY
HEX
D7
D6
D5
D4
D3
D2
D1
D0
Input Gain/AVL (On-Off) control
0000 0001
01
0
0
Gain
AVL MODE
Volume control
0000 0010
02
Channel
Volume
AVL detection level/Surround/MODE control
0000 0011
03
AVL DET LEVEL
Surround
MODE
Tone control [Bass]
0000 0100
04
0
0
0
Bass
Tone control [TREBLE]
0000 0101
05
0
0
0
TREBLE
AVL CONTROL
0000 0110
06
0
0
0
0
0
AVL SLOPE
Table3 AVL MODE
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0
0
*
*
*
0
0
0
AVL ON
0
0
*
*
*
0
0
1
AVL OFF
0
0
*
*
*
0
1
0
Mute
0
0
*
*
*
0
1
1
Mute
0
0
0
0
0
0
0
1
0
0
*
*
*
1
0
0


Similar Part No. - LV1115M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116NV SANYO-LV1116NV Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116NV SANYO-LV1116NV Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
More results

Similar Description - LV1115M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1117N SANYO-LV1117N Datasheet
335Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N_08 Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com