Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV1115 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LV1115
Description  Surround Processor ICs for Electronic Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1115 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LV1115 Datasheet HTML 5Page - Sanyo Semicon Device LV1115 Datasheet HTML 6Page - Sanyo Semicon Device LV1115 Datasheet HTML 7Page - Sanyo Semicon Device LV1115 Datasheet HTML 8Page - Sanyo Semicon Device LV1115 Datasheet HTML 9Page - Sanyo Semicon Device LV1115 Datasheet HTML 10Page - Sanyo Semicon Device LV1115 Datasheet HTML 11Page - Sanyo Semicon Device LV1115 Datasheet HTML 12Page - Sanyo Semicon Device LV1115 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LV1115/1115M
No.8263-9/15
Table12 Volume channel control
Sub Address
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
L-ch
0
1
*
*
*
*
*
*
R-ch
1
0
*
*
*
*
*
*
L/R
0
0
0
0
0
0
1
0
1
1
*
*
*
*
*
*
Pin Functions
Pin No
Function
Voltage
Internal equivalent circuit
Remarks
1
GND
0
2
INPUT-R
23
INPUT-L
VREF
Input Impedance
ri=25k
Ω
3
DC1 Cut(R)
9
DC2 Cut(R)
16
DC2 Cut(L)
22
DC1 Cut(L)
VREF
DC offset cancellation capacitor
connection pin
4
ST-1
21
ST-2
VREF
Pseudo stereo phase shift capacitor
connection pin
5
AViSS LPF
VREF
Capacitor connection pin for surround low
pass filter
6
TREBLE(R)
19
TREBLE(L)
VREF
Capacitor connection pin for configuring
treble filter
7
BASS-1(R)
8
BASS-1(L)
17
BASS-2(R)
18
BASS-2(L)
VREF
Bass band filter configuration capacitor
and resistor connection pins
Continued on next page.
4
21


Similar Part No. - LV1115

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116NV SANYO-LV1116NV Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116NV SANYO-LV1116NV Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
More results

Similar Description - LV1115

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1117N SANYO-LV1117N Datasheet
335Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N_08 Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com