Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25LB642CT Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LE25LB642CT
Description  Serial SPI EEPROM (SPI Bus)(64Kbit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB642CT Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LE25LB642CT Datasheet HTML 3Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 4Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 5Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 6Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 7Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 8Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 9Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 10Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LE25LB642CT
Description of Commands and Their Operations
“Table 1 Command Settings” provides a list and overview of the commands. A detailed description of the functions and
operations corresponding to each command is presented below.
1. Read (READ)
Consisting of the first through third bus cycles, the read command inputs the 16-bit addresses following (03h), and the
data in the designated addresses is output synchronized to SCK. The data is output from SO on the falling edge of third
bus cycle bit0 as a reference. “Figure 4 READ” shows the timing waveforms.
When SCK is input continuously after the read command has been input and the data in the designated addresses has
been output, the address is automatically incremented inside the device while SCK is being input, and the
corresponding data is output in sequence. If the SCK input is continued after the internal address arrives at the highest
address, the internal address returns to the lowest address (0000h), and data output is continued. By setting the logic
level of CS to high, the device is deselected, and the read cycle ends. While the device is deselected, the output pin SO
is in a high-impedance state.
Figure 4 READ
CS
SCK
SI
SO
Mode3
High Impedance
8CLK
Mode0
0 1
2 3 4 5
6
7 8
15 16
Add.
(00000011)
Add.
23 24 25 26 27 28 29 30 31
7
654
Data Out(N)
Data Out(N+1)
32 10 7
03h
(A15-A8)
(A7-A0)
• Addresses A15 - A13 are “don’t care.”
• In synchronization with the rising edges of 0 to 23 clock signals, the command is identified and the addresses are
taken in through SI.
• In synchronization with the falling edges of 23 clock signal or later, the data is output to SO.
No.NA1471-7/14


Similar Part No. - LE25LB642CT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643 Datasheet
321Kb / 14P
   Serial SPI EEPROM
LE25LB643 SANYO-LE25LB643 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
More results

Similar Description - LE25LB642CT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
   64Kbit Serial SPI EEPROM
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com