Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S60SC4M Datasheet(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Part No. S60SC4M
Description  Schottky Rectifiers (SBD) (40V 30A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S60SC4M Datasheet(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button S60SC4M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S60SC4M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S60SC4M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S60SC4M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S60SC4M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd S60SC4M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd S60SC4M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd S60SC4M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd S60SC4M Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0.1
1
10
1
10
100
SBD
Repetitive Surge Reverse Power Capability
Pulse Width tp [
µs]
tp
IRP
0
VR
0.5IRP
VRP
IR
PRRSM = IRP × VRP


Similar Part No. - S60SC4M

ManufacturerPart No.DatasheetDescription
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
S60SC4M ISC-S60SC4M Datasheet
179Kb / 2P
   Schottky Barrier Rectifier
Shindengen Electric Mfg.Co.Ltd
Shindengen Electric Mfg...
S60SC4MT SHINDENGEN-S60SC4MT Datasheet
447Kb / 2P
   Twin Diode
S60SC4MT SHINDENGEN-S60SC4MT_17 Datasheet
1Mb / 4P
   Schottky Barrier Diode
More results

Similar Description - S60SC4M

ManufacturerPart No.DatasheetDescription
Shindengen Electric Mfg.Co.Ltd
Shindengen Electric Mfg...
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
D30SC4M SHINDENGEN-D30SC4M Datasheet
589Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
S30SC4M SHINDENGEN-S30SC4M Datasheet
533Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
SF30SC4 SHINDENGEN-SF30SC4 Datasheet
555Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
SF30SC3L SHINDENGEN-SF30SC3L Datasheet
597Kb / 10P
   Schottky Rectifiers (SBD) (30V 30A)
SF30SC6 SHINDENGEN-SF30SC6 Datasheet
560Kb / 10P
   Schottky Rectifiers (SBD) (60V 30A)
D15SCA4M SHINDENGEN-D15SCA4M Datasheet
689Kb / 11P
   Schottky Rectifiers (SBD) (40V 15A)
M1FS4 SHINDENGEN-M1FS4 Datasheet
590Kb / 11P
   Schottky Rectifiers (SBD) (40V 1.33A)
D240SC4M SHINDENGEN-D240SC4M Datasheet
16Kb / 1P
   Schottky Rectifiers (SBD) (40V 240A)
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
   Schottky Rectifiers (SBD) (40V 5A)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz