Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25CB1282M Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LE25CB1282M
Description  Serial SPI EEPROM (SPI Bus)(128Kbit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25CB1282M Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LE25CB1282M Datasheet HTML 5Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 6Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 7Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 8Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 9Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 10Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 11Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 12Page - Sanyo Semicon Device LE25CB1282M Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LE25CB1282M
No.NA1503-13/13
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Application Note
1) Precautions at Power-on
In order to protect against unintentional writing, the LE25CB1282M incorporates a power-on rest circuit. The
following conditions must be met in order to ensure that the power-on reset circuit will operate stably. No guarantees
are given for data in the event of an instantaneous power failure occurring during the write operation.
Symbol
Item
VDD = 2.7 to 5.5V
Unit
min
typ
max
tRISE
Power rise time
100
ms
tOFF
Power off time
10
ms
Vbot
Power bottom voltage
0.2
V
VDD
tOFF
Vbot
tRISE
0V
Note:
1). The CS pin must be set high.
This catalog provides information as of June, 2011. Specifications and information herein are subject to change
without notice.


Similar Part No. - LE25CB1282M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
More results

Similar Description - LE25CB1282M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25CB5122M SANYO-LE25CB5122M Datasheet
256Kb / 13P
   Serial SPI EEPROM (SPI Bus)(512Kbit)
logo
STMicroelectronics
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com