Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTV32B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DTV32B
Description  High Voltage Damper Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DTV32B Datasheet(HTML) 2 Page - Vishay Siliconix

  DTV32B Datasheet HTML 1Page - Vishay Siliconix DTV32B Datasheet HTML 2Page - Vishay Siliconix DTV32B Datasheet HTML 3Page - Vishay Siliconix DTV32B Datasheet HTML 4Page - Vishay Siliconix DTV32B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DTV32, DTV32F, DTV32B
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Document Number: 88575
Revision: 14-Jan-11
2
Not for New Design - End of Life - Last Available Purchase Date is 31-May-2011
Note:
(1) Pulse test: 300 µs pulse width, 2 % duty cycle
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage (1)
IF = 6 A
IF = 6 A
TJ = 25 °C
TJ = 125 °C
VF
1.5
1.35
V
Maximum DC reverse current at VRRM
TJ = 25 °C
TJ = 125 °C
IR
100
1.0
µA
mA
Maximum reverse recovery time
IF = 1.0 A, dI/dt = 50 A/µs, VR = 30 V,
Irr = 0.1 IRM
trr
175
ns
Typical forward recovery time
IF = 6 A, dI/dt = 48 A/µs, VFR = 3 V
tfr
280
ns
Peak forward recovery overshoot voltage
IF = 6 A, dI/dt = 48 A/µs,
TJ = 100 °C
typical
maximum
VFP
8
12
V
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
DTV32
DTV32B
DTV32F
UNIT
Typical thermal resistance from junction to case
RJC
2.0
4.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
DTV32-E3/45
1.80
45
50/tube
Tube
ITO-220AC
DTV32F-E3/45
1.95
45
50/tube
Tube
TO-263AB
DTV32B-E3/45
1.77
45
50/tube
Tube
TO-263AB
DTV32B-E3/81
1.77
81
800/reel
Tape and reel
Figure 1. Forward Current Derating Curve
150
175
125
100
75
50
25
0
2
4
6
8
10
12
DTV32F
DTV32
DTV32B
Case Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
40
60
80
100
120
140
20
1
100
10
Number of Cycles at 60 Hz


Similar Part No. - DTV32B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DTV32B VISHAY-DTV32B Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV32B-E3/45 VISHAY-DTV32B-E3/45 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV32B-E3/81 VISHAY-DTV32B-E3/81 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
More results

Similar Description - DTV32B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
   High Voltage Damper Diodes
25-Jul-02
BYS459-1500S VISHAY-BYS459-1500S_07 Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
BYS459-1500S VISHAY-BYS459-1500S_11 Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV56 VISHAY-DTV56_11 Datasheet
126Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32 VISHAY-DTV32 Datasheet
146Kb / 4P
   High Voltage Damper Diodes
02-Nov-04
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
DTV32 VISHAY-DTV32_08 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
BYS459-1500 VISHAY-BYS459-1500_07 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
   HIGH FREQUENCIES DAMPER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com