Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9432DS-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG9432DS-T1-E3
Description  Low-Voltage Dual SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9432DS-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG9432DS-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG9432DS-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG9432DS-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG9432DS-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG9432DS-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG9432DS-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG9432DS-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG9432DS-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG9432DS-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 72311
S11-1029-Rev. B, 23-May-11
www.vishay.com
3
Vishay Siliconix
DG9432, DG9433, DG9434
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 6.5 mW/°C above 75 °C.
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
d. Guarantee by design, not subjected to production test.
e. VIN = input voltage to perform proper function.
f. Guaranteed by 12 V leakage testing, not production tested.
g. Applies for DG9434 only.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Reference V+ to GND
- 0.3 to + 13.5
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (Any terminal)
± 10
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 20
Storage Temperature (D suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
MSOP-8c
320
mW
SOT23-8c
515
SPECIFICATIONS V+ = 3 V
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3.3 V, ± 10 %
, VIN = 0.4 V or 1.8 V
e
Temp.a
Limits
- 40 °C °C to 85 °C
Unit
Min.c
Typ.b
Max.c
Switch On Resistance
Analog Signal Rangee
VANALOG
Full
V-
V+
V
Drain-Source On- Resistance
R(on)
V+ = 2.7 V, ICOM = 1 mA, VCOM = 1.5 V
Room
Full
81
100
120
RON Match
d
R
on
Room
0.4
3.0
Digital Control
Input, High Voltage
VINH
V+ Ranges 2.7 to 5 V
Full
1.8
V
Input, Low Voltage
VINL
Full
0.4
Input Current
IINH
- 1
1
µA
Dynamic Characteristics
Break-Before-Maked,g
tOPEN
V+ = 3 V, RL = 300 
VNO = VNC = 1.5 V
CL = 35 pF, VIN = 0 V, 3 V
Room
Full
1
Turn-On Timed
tON
Room
Full
60
80
100
ns
Turn-Off Timed
tOFF
Room
Full
14
25
35
Charge Injectiond
Q
CL = 1 nF, RGEN = 0 , Vg = 0 V
Room
0.16
pC
Off-Isolationd
OIRR
CL = 5 pF, RL = 50 , f = 1 MHz
Room
77
dB
CL = 5 pF, RL = 50 , f = 10 MHz
Room
55
Crosstalkd
XTALK
RL = 50 , f = 1 MHz, V+ = 2.5 V
Room
98
Source Off Capacitanced
CNO/NC(off)
f = 1 MHz, VNC/NO = 0 V
Room
7.5
pF
Drain Off Capacitanced
CCOM(off)
f = 1 MHz VCOM = 0 V
Room
7.8
Drain On Capacitanced
CCOM(on)
Room
22
Supply Current
I+
V+ = 3.3 V, VIN = 0 or V+
Room
- 1
- 1
µA


Similar Part No. - DG9432DS-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9432DS-T1-E3 VISHAY-DG9432DS-T1-E3 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9432DS-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com