Electronic Components Datasheet Search |
|
DG9434 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
DG9434 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 12 page Document Number: 72311 S11-1029-Rev. B, 23-May-11 www.vishay.com 5 Vishay Siliconix DG9432, DG9433, DG9434 This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes: a. Room = 25 °C, Full = as determined by the operating suffix. b. Typical values are for design aid only, not guaranteed nor subject to production testing. c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet. d. Guarantee by design, not subjected to production test. e. VIN = input voltage to perform proper function. f. Guaranteed by 12 V leakage testing, not production tested. g. Applies for DG9434 only. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS V+ = 12 V Parameter Symbol Test Conditions Otherwise Unless Specified V+ = 12 V, ± 10 % , VIN = 0.8 V or 2.4 V e Temp.a Limits - 40 °C °C to 85 °C Unit Min.c Typ.b Max.c Switch On Resistance Analog Signal Rangee VANALOG Full V- V+ V Drain-Source On-Resistance R(on) V+ = 10.8 V, ICOM = 1 mA, VCOM = 9 V Room Full 19 30 40 RDS(on) Match R (on) Room 0.3 3.0 Switch Off Leakage Currenta INC/NO(off) V+ = 12 V, VS = 1/11 V, VCOM = 11/1 V Room Full - 1 - 10 0.3 1 10 nA ICOM(off) Room Full - 1 - 10 0.3 1 10 Channel On Leakage Currenta ICOM(on) Room Full - 1 - 10 0.3 1 10 Digital Control Input, High Voltage VINH V+ = 12 V Full 2.4 V Input, Low Voltage VINL Full 0.8 Input Current IINH - 1 1 µA Dynamic Characteristics Break-Before-Maked,g tOPEN V+ = 12 V, RL = 300 VNO = VNC = 8 V CL = 35 pF, VIN = 0 V, 12 V Room Full 1 ns Turn-On Time tON Room Full 21 35 40 Turn-Off Time tOFF Room Full 618 25 Charge Injectiond Q CL = 1 nF, RGEN = 0 , Vg = 0 V, V+ = 5 V Room 0.36 pC Off-Isolationd OIRR CL = 5 pF, RL = 50 , f = 1 MHz Room 75 dB CL = 5 pF, RL = 50 , f = 10 MHz Room 53 Crosstalkd XTALK RL = 50 , f = 1 MHz, V+ = 5 V Room 96 Source Off Capacitanced CNO/NC(off) f = 1 MHz, VNC/NO = 0 V Room 7.5 pF Drain Off Capacitanced CCOM(off) f = 1 MHz, VCOM = 0 V Room 7.8 Drain On Capacitanced CCOM(on) Room 22 Supply Current I+ V+ = 12 V, VIN = 0 or V+ Room - 1 - 1 µA |
Similar Part No. - DG9434 |
|
Similar Description - DG9434 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |