Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9262DQ-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG9262DQ-T1-E3
Description  Low-Voltage Dual SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9262DQ-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG9262DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG9262DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG9262DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG9262DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG9262DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG9262DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG9262DQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG9262DQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG9262DQ-T1-E3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Vishay Siliconix
Package Information
Document Number: 71192
11-Sep-06
www.vishay.com
1
DIM
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.35
0.51
0.014
0.020
C
0.19
0.25
0.0075
0.010
D
4.80
5.00
0.189
0.196
E
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.50
0.93
0.020
0.037
q
0°8°0°8°
S
0.44
0.64
0.018
0.026
ECN: C-06527-Rev. I, 11-Sep-06
DWG: 5498
4
3
1
2
5
6
8
7
H
E
h x 45
C
All Leads
q
0.101 mm
0.004"
L
BA1
A
e
D
0.25 mm (Gage Plane)
SOIC (NARROW): 8-LEAD
JEDEC Part Number: MS-012
S


Similar Part No. - DG9262DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
111Kb / 8P
   Low-Voltage Dual SPST Analog Switch
Rev. C, 14-May-07
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9262DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com