Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9408DN-T1-E4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9408DN-T1-E4
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9408DN-T1-E4 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9408DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vishay Siliconix
DG9408, DG9409
Document Number: 71870
S11-1229-Rev. C, 20-Jun-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
DESCRIPTION
The DG9408, DG9409 uses BiCMOS wafer fabrication
technology that allows the DG9408, DG9409 to operate on
single and dual supplies. Single supply voltage ranges from
3 V to 12 V while dual supply operation is recommended with
± 3 V to ± 6 V.
The
DG9408
is
an
8-channel
single-ended
analog
multiplexer designed to connect one of eight inputs to a
common output as determined by a 3-bit binary address
(A0, A1, A2). The DG9409 is a dual 4-channel differential
analog multiplexer designed to connect one of four
differential inputs to a common dual output as determined by
its 2-bit binary address (A0, A1). Break-before-make
switching action to protect against momentary crosstalk
between adjacent channels.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
lead (Pb)-free device terminations. The DG9408, DG9409
are offered in a QFN package that has a nickel-palladium-
gold device terminations and is represented by the
lead (Pb)-free “-E4” suffix. The nickel-palladium-gold device
terminations meet all the JEDEC standards for reflow and
MSL ratings.
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
2.7 V to 12 V single supply or ± 3 V to ± 6 V
dual supply operation
Low on-resistance - RON: 3.9  typ.
Fast switching: tON - 42 ns, tOFF - 24 ns
Break-before-make guaranteed
Low leakage
TTL, CMOS, LV logic (3 V) compatible
2000 V ESD protection (HBM)
Compliant to RoHS Directive 2002/95/EC
BENEFITS
High accuracy
Single and dual power rail capacity
Wide operating voltage range
Simple logic interface
APPLICATIONS
Data acquisition systems
Battery operated equipment
Portable test equipment
Sample and hold circuits
Communication systems
SDSL, DSLAM
Audio and video signal routing
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
49
GND
S2a
S4b
S3b
S3a
EN
S2b
S1a
1
2
3
12
11
10
567
8
16
15
14
13
A0
V+
A1
S4a
S1b
Db
V-
Da
Decoder/Driver
Top View
DG9409
QFN16
GND
S6
S4
S3
S7
EN
S2
S5
1
2
3
12
11
10
49
56
7
8
16
15
14
13
A0
V+
A1
S8
S1
A2
V-
D
Decoder/Driver
Top View
DG9408
QFN16


Similar Part No. - DG9408DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408DN-T1-E4 VISHAY-DG9408DN-T1-E4 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
More results

Similar Description - DG9408DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com