Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9408DN-T1-E4 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG9408DN-T1-E4
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9408DN-T1-E4 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG9408DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 10Page - Vishay Siliconix DG9408DN-T1-E4 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Document Number: 71870
S11-1229-Rev. C, 20-Jun-11
www.vishay.com
7
Vishay Siliconix
DG9408, DG9409
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Single Supply Voltage
RON vs. Analog Voltage and Temperature
Leakage Current vs. Analog Voltage
0
2
4
6
8
10
12
14
16
03
6
9
V+ = 3.0 V
IS = 5 mA
VCOM - Analog Voltage (V)
T = 25 °C
V+ = 5.0 V
IS = 50 mA
V+ = 12.0 V
IS = 50 mA
12
0
2
4
6
8
10
12
- 5- 3- 1
1
3
5
V± = ± 5 V
IS = 50 mA
VCOM - Analog Voltage (V)
A = 85 °C
B = 25 °C
C = - 40 °C
A
B
C
- 500
- 400
- 300
- 200
- 100
0
100
02468
10
12
VCOM, VNO, VNC - Analog Voltage
V+ = 12 V
V- = 0 V
ICOM(on)
INO(off)/INC(off)
ICOM(off)
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Leakage Current vs. Analog Voltage
0
2
4
6
8
10
12
14
16
02468
10
12
A
B
C
A = 85 °C
B = 25 °C
C = - 40 °C
VCOM - Analog Voltage (V)
V+ = 12.0 V
IS = 50 mA
A
B
C
V+ = 5.0 V
IS = 50 mA
A
B
C
V+ = 3.0 V
IS = 5 mA
1
10
100
1000
10 000
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
VAX, VEN = 0 V
V+ = 5 V
V- = - 5 V
V+ = 12 V
V- = 0 V
- 120
- 100
- 80
- 60
- 40
- 20
0
20
- 5- 3- 1
1
3
5
VCOM, VNO, VNC - Analog Voltage
V+ = 5 V
V- = - 5 V
ICOM(on)
INO(off)/INC(off)
ICOM(off)


Similar Part No. - DG9408DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408DN-T1-E4 VISHAY-DG9408DN-T1-E4 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
More results

Similar Description - DG9408DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com