Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9262DY-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG9262DY-E3
Description  Low-Voltage Dual SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9262DY-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG9262DY-E3 Datasheet HTML 1Page - Vishay Siliconix DG9262DY-E3 Datasheet HTML 2Page - Vishay Siliconix DG9262DY-E3 Datasheet HTML 3Page - Vishay Siliconix DG9262DY-E3 Datasheet HTML 4Page - Vishay Siliconix DG9262DY-E3 Datasheet HTML 5Page - Vishay Siliconix DG9262DY-E3 Datasheet HTML 6Page - Vishay Siliconix DG9262DY-E3 Datasheet HTML 7Page - Vishay Siliconix DG9262DY-E3 Datasheet HTML 8Page - Vishay Siliconix DG9262DY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
DG9262, DG9263
Document Number: 70862
S11-1229–Rev. D, 20-Jun-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low-Voltage Dual SPST Analog Switch
DESCRIPTION
The
DG9262,
DG9263
is
a
single-pole/single-throw
monolithic
CMOS
analog
device
designed
for
high
performance switching of analog signals. Combining low
power,
high
speed
(tON:35 ns, tOFF: 20 ns), low
on-resistance (RDS(on): 40 ) and small physical size, the
DG9262, DG9263 is ideal for portable and battery powered
applications requiring high performance and efficient use of
board space.
The DG9262, DG9263 is built on Vishay Siliconix’s low
voltage BCD-15 process. Minimum ESD protection, per
Method 3015.7 is 2000 V. An epitaxial layer prevents
latchup. Break-before make is guaranteed for DG9262,
DG9263.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
BENEFITS
Reduced Power Consumption
Simple Logic Interface
High Accuracy
Reduce Board Space
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
Low Voltage Operation (- 2.7 V to 5 V)
Low On-Resistance - RDS(on): 40 
Fast Switching - tON: 35 ns, tOFF: 20 ns
Low Leakage - ICOM(on): 200-pA max.
Low Charge Injection - QINJ: 1 pC
Low Power Consumption
TTL/CMOS Compatible
ESD Protection > 2000 V (Method 3015.7)
Available in MSOP-8 and SOIC-8
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Battery Operated Systems
Portable Test Equipment
Sample and Hold Circuits
Cellular Phones
Communication Systems
Military Radio
PBX, PABX Guidance and Control Systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
0.8 V
Logic “1”
2.4 V
Logic “0”
0.8 V
Logic “1”
2.4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
TRUTH TABLE - DG9262
Logic
Switch
0On
1Off
NC1
V+
COM1
IN1
IN2
COM2
GND
NC2
1
2
3
4
8
7
6
5
Top View
TRUTH TABLE - DG9263
Logic
Switch
0Off
1On
NO1
V+
COM1
IN1
IN2
COM2
GND
NO2
1
2
3
4
8
7
6
5
Top View
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 °C to 85 °C
SOIC-8
DG9262DY-E3
DG9262DY-T1
DG9262DY-T1-E3
DG9263DY-E3
DG9263DY-T1
DG9263DY-T1-E3
MSOP-8
DG9262DQ-T1-E3
DG9263DQ-T1-E3


Similar Part No. - DG9262DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9262DY-E3 VISHAY-DG9262DY-E3 Datasheet
111Kb / 8P
   Low-Voltage Dual SPST Analog Switch
Rev. C, 14-May-07
DG9262DY-E3 VISHAY-DG9262DY-E3 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9262DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com